Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS645SH392LFS Datasheet(PDF) 1 Page - C&K Components

Part # PTS645SH392LFS
Description  6 mm Tact Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS645SH392LFS Datasheet(HTML) 1 Page - C&K Components

  PTS645SH392LFS Datasheet HTML 1Page - C&K Components PTS645SH392LFS Datasheet HTML 2Page - C&K Components PTS645SH392LFS Datasheet HTML 3Page - C&K Components PTS645SH392LFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B–81
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
25apr13
PTS645 Series
6 mm Tact Switches
Termination
S Straight
T Straight with ESD pin
V Vertical
Actuation Force
L 130 grams
M 160 grams
H 200 grams
K 260 grams
6
4
5
P
T
S
Actuator Height to PCB/Ground Pin
43 4,3 (.169), thru-hole and SMT
50 5,0 (.197), thru-hole and SMT
70 7,0 (.275), thru-hole
95 9,5 (.374), thru-hole
31 3,15 (.124), vertical
39 3,85 (.151), vertical
58 5,85 (.230), vertical
83 8,35 (.329), vertical
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and and place it in the appropriate box.
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: SPST, N.O.
TERMINALS: PC pins
Mechanical
ACTUATION FORCE: PTS645 models: 130 grams, 160 grams,
200 grams, 260 grams
LIFE EXPECTANCY: 100,000 operations.
Electrical
CONTACT RATING: 50 mA @ 12 V DC.
DIELECTRIC STRENGTH: 250 V AC min.
CONTACT RESISTANCE: 100 m
Ω max. initial.
INSULATION RESISTANCE: 1011
Ω min.
Environmental
OPERATING TEMPERATURE: -20˚C to 60˚C
Process
SOLDERING: Preheating to 100˚C for 45 sec. max. Keep flux flush
with top surface of PCB; do not apply to component side of PCB
and area where terminals are located. Soldering to 255˚C for 5 sec.
max. Clean by brushing on solder surface. Do not clean switch with
solvents.
Packaging
Bulk packaging.
Tape & reel for the SMT type:
Reel of 1,000 pieces
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
• Compact size 6 x 6 mm
• Variety of actuator lengths
• Choice of actuation force
• RoHS compliant and compatible
Typical Applications
• Consumer products
• Instrumentation
• Computer products
• Industrial
Insertion Type
2
Thru hole
SMTR92* Surface mount, tape & reel
*Only the PTS645 in horizontal type without ESD pin is available in SMT type.
L
F
S
RoHS compliant and
compatible.
Silver plated.


Similar Part No. - PTS645SH392LFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS645SH39 ITT-PTS645SH39 Datasheet
83Kb / 3P
6 mm Tact Switches
More results

Similar Description - PTS645SH392LFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
12 mm Tact Switches
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
6 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
12 mm Tact Switches
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
3,5 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
12 mm Tact Switches
2022
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
6 mm Tact Switches
14 Nov 22
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
12 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com