Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8940 Datasheet(PDF) 2 Page - 3M Electronics

Part # 8940
Description  3M™ Thermally Conductive Adhesive Tape 8940 / 8943
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8940 Datasheet(HTML) 2 Page - 3M Electronics

  8940 Datasheet HTML 1Page - 3M Electronics 8940 Datasheet HTML 2Page - 3M Electronics 8940 Datasheet HTML 3Page - 3M Electronics 8940 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M
™ Thermally Conductive Adhesive Tapes 8940 / 8943
2/4
Typical Properties
and Performance
Characteristics
Note: The following technical information for 3M
TM Thermally Conductive
Tape 8940 / 8943 should be considered representative or typical only and
should not be used for specification purposes.
Thermal Properties
Test
Unit
Value
Test Method
Thermal Conductivity at 25 °C
W/m*K
0,9
ASTM D 5470
Coefficient of Thermal Expansion
(-40 to 150°C)
mm/°C
140 E -06
TMA
Electrical
Properties
Test
Unit
Value
8940
8943
Test Method
Breakdown Voltage typical value *
kV
10.3
9.8
IEC 60243-1
Dielectric Strength typical value *
kV/mm
55
52
IEC 60243-1
Volume Resistivity
Ω*cm
2,5 x 10
13
ASTM D257
* Average value (not for specification purposes)
Mechanical
Properties
Test
Unit
Value
Test Method
20 min dwell time at room temp.
N/cm
5,0
AFERA 5001
24 h dwell time room temp.
N/cm
6,0
AFERA 5001
at 150 °C
N/cm
4,9
AFERA 5001
90° Peel Adhesion to
Aluminium Substrate
(AlMg3; Ra: 0,48 µm; Rz: )µm)
at 180 °C
N/cm
2,4
AFERA 5001
Overlap Shear
20 min dwell time at room temp.
MPa
5,3
ASTM D 1002
24 h dwell time room temp.
MPa
9,0
ASTM D 1002
After 24 h @ 150 °C
MPa
6,8
ASTM D 1002
After 24 h @ - 40 °C
MPa
9,0
ASTM D 1002
Holding Power
1000 g load @ room temp.
Minutes
10000+
AFERA 4012
500 g load @ 70 °C
Minutes
10000+
AFERA 4012
Tensile strength
Tensile Strength
N/mm²
6-7
EN ISO 527-2
Elongation at break
%
80-120
EN ISO 527-2
Liner properties
Liner release
cN/25,4
mm
15
FINAT TM3
Thermal Stability
225 °C Dwell @ 60 min
(Tape was applied between a glass
and an aluminium panel)
Visual
No Change
3M
Temperature
Performance
Solder Reflow process according
to JEDEC J-STD-020C (Level 1)
Visual
Test in
process
3M
Continuous Operating Temperature
Range
°C
- 40 up to
150
3M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com