Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8943 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8943
Description  3M™ Thermally Conductive Adhesive Tape 8940 / 8943
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8943 Datasheet(HTML) 1 Page - 3M Electronics

  8943 Datasheet HTML 1Page - 3M Electronics 8943 Datasheet HTML 2Page - 3M Electronics 8943 Datasheet HTML 3Page - 3M Electronics 8943 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
™ Thermally Conductive Adhesive Tape 8940 / 8943
Product Information Sheet
11.04.2007
Supersedes Version 01.10.2005
Product Description
3M
TM Thermally Conductive Adhesive Tapes 8940 / 8943 are
designed to provide an efficient heat transfer path between heat
generating components and heat sinks or other cooling devices.
The tapes consist of a carrier, highly loaded with thermally conductive
fillers, coated on either one side (3M
TM 8943) or both sides (3MTM
8940) with a high temperature resistance acrylic pressure sensitive
adhesive.
The specialized construction securely bonds the heat generating
components to heat sinks and offer both, good thermal conductivity
and excellent electrical insulation properties.
Product Construction
3M 8940
3M 8943
Color
Beige
Carrier
Filled Copolymer
Adhesive type
Modified Acrylic Adhesive
Tape type
Double coated
Single coated
Tape Thickness
0.190mm
0.170 mm
Liner Thickness
0,075 mm
The film liner is a double sided siliconized Polyester Film with a
differential release system.
Typical Applications
Applications requiring good thermal transfer and thin bonding.
Typical applications are assembling of power devices as bare dies in
chip on board technique or flip chip assemblies with a directly
mounted heat sink.
The tape performance properties have been primarily adapted to fit
thermal requirements in applications such as Engine Control Units
bonding, ABS Systems, High power LED’s, and other electronic
increased power devices.
1


Similar Part No. - 8943

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8943 ETC2-8943 Datasheet
56Kb / 1P
8940 THRU 8925 8955 THRU 8961
logo
Schurter Inc.
8943.W SCHURTER-8943.W Datasheet
196Kb / 2P
IEC Connector C15 Rewireable, Straight
05.12.2014
More results

Similar Description - 8943

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2815A ETC2-2815A Datasheet
333Kb / 3P
THERMALLY CONDUCTIVE DIE ATTACH ADHESIVE
logo
3M Electronics
9882 3M-9882 Datasheet
213Kb / 5P
3M™ Thermally Conductive Adhesive Transfer Tapes
Sep-2010
logo
List of Unclassifed Man...
PDS_BP-100 ETC2-PDS_BP-100 Datasheet
438Kb / 2P
Thermally Conductive, Fiberglass Reinforced Pressure Sensitive Adhesive Tape
PDS_BP-400 ETC2-PDS_BP-400 Datasheet
368Kb / 2P
Thermally Conductive, Unreinforced,Pressure Sensitive Adhesive Tape
PDS_BP-660P ETC2-PDS_BP-660P Datasheet
270Kb / 2P
Thermally Conductive, Film Reinforced,Pressure Sensitive Adhesive Tape
PDS_BP-800 ETC2-PDS_BP-800 Datasheet
311Kb / 2P
Thermally Conductive, Fiberglass Reinforced Pressure Sensitive Adhesive Tape
logo
3M Electronics
TC-2707 3M-TC-2707 Datasheet
239Kb / 4P
3M™ Thermally Conductive Epoxy Adhesive TC-2707
Sep-2018
8805 3M-8805 Datasheet
175Kb / 7P
Thermally Conductive Adhesive Transfer Tapes
Jul-2015
TC-2810 3M-TC-2810 Datasheet
234Kb / 4P
3M??Thermally Conductive Epoxy Adhesive TC-2810
9725 3M-9725 Datasheet
147Kb / 4P
3M??XYZ-Axis Electrically Conductive Adhesive Transfer Tape (ECATT) 9725
2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com