Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30CFILM Datasheet(PDF) 6 Page - STMicroelectronics

Part # BAT30CFILM
Description  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30CFILM Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BAT30CFILM Datasheet HTML 2Page - STMicroelectronics BAT30CFILM Datasheet HTML 3Page - STMicroelectronics BAT30CFILM Datasheet HTML 4Page - STMicroelectronics BAT30CFILM Datasheet HTML 5Page - STMicroelectronics BAT30CFILM Datasheet HTML 6Page - STMicroelectronics BAT30CFILM Datasheet HTML 7Page - STMicroelectronics BAT30CFILM Datasheet HTML 8Page - STMicroelectronics BAT30CFILM Datasheet HTML 9Page - STMicroelectronics BAT30CFILM Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Ordering information scheme
BAT30
6/14
Doc ID 12564 Rev 3
2
Ordering information scheme
Figure 15.
Ordering information scheme
BAT30
xx
xx
FILM
Signal Schottky diodes
Package
Packing
VRRM = 30 V
Blank = Single diode
A = Common anode
C = Common cathode
S = Series diodes
07 = Parallel diodes
09 = Opposite diodes
Blank = SOT-23
J = SOD-323
K = SOD-523
P6 = SOT-666
L = SOD-923
W = SOT-323
Configuration
FILM = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com