Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT30CWFILM Datasheet(PDF) 5 Page - STMicroelectronics

Part # BAT30CWFILM
Description  Small signal Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT30CWFILM Datasheet(HTML) 5 Page - STMicroelectronics

  BAT30CWFILM Datasheet HTML 1Page - STMicroelectronics BAT30CWFILM Datasheet HTML 2Page - STMicroelectronics BAT30CWFILM Datasheet HTML 3Page - STMicroelectronics BAT30CWFILM Datasheet HTML 4Page - STMicroelectronics BAT30CWFILM Datasheet HTML 5Page - STMicroelectronics BAT30CWFILM Datasheet HTML 6Page - STMicroelectronics BAT30CWFILM Datasheet HTML 7Page - STMicroelectronics BAT30CWFILM Datasheet HTML 8Page - STMicroelectronics BAT30CWFILM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
BAT30
Characteristics
Doc ID 12564 Rev 3
5/14
Figure 11.
Relative variation of reverse
leakage current versus junction
temperature (typical values)
Figure 12.
Junction capacitance versus
reverse applied voltage
(typical values)
I
R[Tj]/ IR[Tj=25°C]
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
-40
-20
0
20
40
60
80
100
120
140
160
V
R=30 V
Tj(°C)
C(pF)
1
10
100
1
10
100
F=1 MHz
V
OSC=30 mVRMS
T
j=25 °C
VR(V)
Figure 13.
Forward voltage drop versus
forward current (typical values)
Figure 14.
Forward voltage drop versus
forward current (typical values)
I
FM(A)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
T
j=85 °C
T
j=85 °C
T
j=-40 °C
T
j=-40 °C
T
j=150 °C
T
j=150 °C
VFM(V)
I
FM(A)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
T
j=25 °C
T
j=125 °C
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com