Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2904FVC Datasheet(PDF) 3 Page - Rohm

Part # BA2904FVC
Description  Automotive Ground Sense Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2904FVC Datasheet(HTML) 3 Page - Rohm

  BA2904FVC Datasheet HTML 1Page - Rohm BA2904FVC Datasheet HTML 2Page - Rohm BA2904FVC Datasheet HTML 3Page - Rohm BA2904FVC Datasheet HTML 4Page - Rohm BA2904FVC Datasheet HTML 5Page - Rohm BA2904FVC Datasheet HTML 6Page - Rohm BA2904FVC Datasheet HTML 7Page - Rohm BA2904FVC Datasheet HTML 8Page - Rohm BA2904FVC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
3/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
●Ordering Information
B
A
2
9
0
x
Y
x
x
x
-
C x x
Parts Number.
BA2904Yxxx
BA2902Yxx
Package
F
: SOP8
SOP14
FV
: SSOP-B8
SSOP-B14
FVM : MSOP8
Packaging and forming specification
C : Automotive(Engine control unit、EPS、
ABS, and so on)
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B8/SSOP-B14)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Supply voltage
Number of
channels
Package
Orderable Parts Number
-40°C to +125°C
+3 to +36V
Dual
SOP8
Reel of 2500
BA2904YF-CE2
SSOP-B8
Reel of 2500
BA2904YFV-CE2
MSOP8
Reel of 3000
BA2904YFVM-CTR
Quad
SOP14
Reel of 2500
BA2902YF-CE2
SSOP-B14
Reel of 2500
BA2902YFV-CE2
●Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
Pd
SOP8
775
*1*6
mW
SSOP-B8
625
*2*6
MSOP8
600
*3*6
SOP14
560
*4*6
SSOP-B14
870
*5*6
Differential Input Voltage
*7
Vid
+36
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to (VEE+36)
V
Operating Supply Voltage
Vopr
+3.0 to +36
(±1.5 to ±18)
V
Operating Temperature Range
Topr
-40 to +125
℃
Storage Temperature Range
Tstg
-55 to +150
℃
Maximum Junction Temperature
Tjmax
+150
℃
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application if voltage in excess of absolute maximum rating or use out of absolute maximum rated temperature
environment may cause deterioration of characteristics.
*1 To use at temperature above Ta=25℃ reduce 6.2mW/℃.
*2 To use at temperature above Ta=25℃ reduce 5.0mW/℃.
*3 To use at temperature above Ta=25℃ reduce 4.8mW/℃.
*4 To use at temperature above Ta=25℃ reduce 4.5mW/℃.
*5 To use at temperature above Ta=25℃ reduce 7.0mW/℃.
*6 Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*7 The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com