Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA2058TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA2058TR
Description  TESEO™ GPS platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA2058TR Datasheet HTML 9Page - STMicroelectronics STA2058TR Datasheet HTML 10Page - STMicroelectronics STA2058TR Datasheet HTML 11Page - STMicroelectronics STA2058TR Datasheet HTML 12Page - STMicroelectronics STA2058TR Datasheet HTML 13Page - STMicroelectronics STA2058TR Datasheet HTML 14Page - STMicroelectronics STA2058TR Datasheet HTML 15Page - STMicroelectronics STA2058TR Datasheet HTML 16Page - STMicroelectronics STA2058TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
STA2058
Electrical characteristic
13/20
4.4
Flash electrical characteristics
V33 = 3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Note:
C0: TA = 85 °C after 0 cycles
Cmax: TA = 85 °C after max number of cycles
Table 8.
Flash program/erase characteristics 1
Symbol
Parameter
Test conditions
Value
Unit
Typ
Max (C0)Max (Cmax)
tPW
Word program
40
µs
tPDW
Double word program
60
µs
tPB0
Bank 0 program (256K)
Double word program
1.6
2.1
4.3
s
tPB1
Bank 1 program (16K)
Double word program
130
170
300
ms
tES
Sector erase (64K)
Not preprogrammed
Preprogrammed
2.3
1.9
4.0
3.3
4.9
4.1
s
tES
Sector erase (8K)
Not preprogrammed
Preprogrammed
0.7
0.6
1.1
1.0
1.36
1.26
s
tES
Bank 0 erase (256K)
Not preprogrammed
Preprogrammed
8.0
6.6
13.7
11.2
17.2
14.0
s
tES
Bank 1 erase (16K)
Not preprogrammed
Preprogrammed
0.9
0.8
1.5
1.3
1.87
1.66
s
tRPD
Recovery from power-down
20
µs
tPSL
Program suspend latency
10
µs
tESL
Erase suspend latency
300
µs
Table 9.
Flash program/erase characteristics 2
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
Endurance
10
Kcycles
Endurance (Bank1 sectors)
100
Kcycles
Data retention
20
Years
tESR
Erase suspend rate
Min time from erase
resume to next erase
suspend
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com