Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902FC Datasheet(PDF) 21 Page - Rohm

Part # BA2902FC
Description  Automotive Ground Sense Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FC Datasheet(HTML) 21 Page - Rohm

Back Button BA2902FC Datasheet HTML 17Page - Rohm BA2902FC Datasheet HTML 18Page - Rohm BA2902FC Datasheet HTML 19Page - Rohm BA2902FC Datasheet HTML 20Page - Rohm BA2902FC Datasheet HTML 21Page - Rohm BA2902FC Datasheet HTML 22Page - Rohm BA2902FC Datasheet HTML 23Page - Rohm BA2902FC Datasheet HTML 24Page - Rohm BA2902FC Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
21/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
●Application Information
NULL method condition for Test circuit1
VCC, VEE, EK, Vicm Unit: V
Parameter
VF
S1
S2
S3
VCC
VEE
EK
Vicm
calculation
Input Offset Voltage
VF1
ON
ON
OFF
5 to 30
0
-1.4
0
1
Input Offset Current
VF2
OFF
OFF
OFF
5
0
-1.4
0
2
Input Bias Current
VF3
OFF
ON
OFF
5
0
-1.4
0
3
VF4
ON
OFF
Large Signal Voltage Gain
VF5
ON
ON
ON
15
0
-1.4
0
4
VF6
15
0
-11.4
0
Common-mode Rejection Ratio
(Input common-mode Voltage Range)
VF7
ON
ON
OFF
5
0
-1.4
0
5
VF8
5
0
-1.4
3.5
Power Supply Rejection Ratio
VF9
ON
ON
OFF
5
0
-1.4
0
6
VF10
30
0
-1.4
0
- Calculation -
1. Input Offset Voltage (Vio)
2. Input Offset Current (Iio)
3. Input Bias Current (Ib)
4. Large Signal Voltage Gain (Av)
5. Common-mode Rejection Ration (CMRR)
6. Power supply rejection ratio (PSRR)
Figure . 52 Test circuit1 (one channel only)
[V]
RS
/
RF
+
1
VF1
Vio
[A]
RS)
/
RF
+
(1
×
Ri
VF1
-
VF2
Iio
[A]
RS)
/
RF
+
(1
×
Ri
×
2
VF3
-
VF4
Ib
[dB]
VF6
-
VF5
RF/RS)
+
(1
×
ΔEK
Log
×
20
Av
[dB]
VF7
-
VF8
RF/RS)
+
(1
×
ΔVicm
Log
×
20
CMRR
[dB]
VF9
-
VF10
RF/RS)
+
(1
×
ΔVcc
Log
×
20
PSRR
VCC
RF=50kΩ
Ri=10kΩ
RS=50Ω
RL
SW2
500kΩ
500kΩ
0.1µF
EK
15V
DUT
VEE
50kΩ
Vicm
SW1
Ri=10kΩ
Vo
VF
RS=50Ω
1000pF
0.1µF
-15V
NULL
SW3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com