Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6620AS Datasheet(PDF) 17 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 13Page - Analog Devices AD6620AS Datasheet HTML 14Page - Analog Devices AD6620AS Datasheet HTML 15Page - Analog Devices AD6620AS Datasheet HTML 16Page - Analog Devices AD6620AS Datasheet HTML 17Page - Analog Devices AD6620AS Datasheet HTML 18Page - Analog Devices AD6620AS Datasheet HTML 19Page - Analog Devices AD6620AS Datasheet HTML 20Page - Analog Devices AD6620AS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AD6620
–17–
REV. A
tSI
tHI
CLK
IN[15:0]
EXP[2:0]
A/B
BN
BN+1
AN+1
AN+2
BN+2
CLK
2x
AN
IF CLK 2x IS USED TO CLOCK THE AD6620, THE FIRST RISING EDGE AFTER
THE A/B TRANSITION WILL LATCH THE DATA.
Figure 25. Full Rate Input Timing, Diversity Channel Real
Mode
If fractional rate input timing is necessary in the Diversity Chan-
nel Real Mode, the A/B pin must toggle at half the rate of the
A/D sample clock. The timing diagram below shows a 3
× pro-
cessing clock. In this situation there will be one ADC encode
pulse for every three AD6620 CLK pulses and data must be
taken on every third CLK pulse. The CLK edges that corre-
spond to the latching of A and B channel data are shown in
Figure 26.
AN
tSI
tHI
CLK
IN[15:0]
EXP[2:0]
A/B
BN
Figure 26. Fractional Rate Input Timing (3
× CLK), Diversity
Channel Real Mode
Single Channel Complex Mode
In the Single Channel Complex input mode, A/B high identi-
fies the in-phase samples and A/B low identifies quadrature
samples. The quadrature samples are paired with the previous
in-phase samples. The timing for this mode is the same as that
of the Diversity Channel Real Mode. This mode is useful for
accepting complex output data from another AD6620 or another
source to increase filtering and or decimation rates.
In the Single Channel Complex Mode the CIC2 decimation
must be set to two (MCIC2 = 2). This is necessary in order to
allow enough CLK cycles to process the complex input data as
described below.
First clock cycle: (A/B high).
– I data loaded from the input port.
– The I data-path gets I
× cosine.
– The Q data-path gets I
× sine.
– The first integrator of the CIC2 adds these values to its
previous sums.
– The rest of the CIC2 is idle.
Second clock cycle: (A/B low).
– Q data loaded from the input port.
– The I data-path gets Q
× sine.
– The Q data-path gets Q
× cosine.
– The first integrator of the I path of the CIC2 completes the
sum (I
× cosine - Q × sine) and the first integrator of the Q
path of the CIC2 completes the sum j(I
× sine + Q × cosine).
– The rest of the CIC2 operates on these sums, which is the
complete complex multiply. The data is then multiplexed
through the rest of the chip as if it were single channel real data.
Simplified Input Data Port Schematic
Figure 27 details a simplified schematic for the input data port.
The first thing to note is that IN[15:0], EXP[2:0] and A/B are
all synchronously latched with CLK. Note also that upon soft
reset, a seven pipeline delay (sample clock delay) exists in the
data path. This delay is synchronous with CLK, but is in fact
seven valid sample data delays. For instance, in single channel
CLK
LOGIC "1"
SOFT RESET
CLR
Q
Q
D
ENB
Q
D
IN[15:0]
EXP[2:0]
Q
D
A/B
CLK
REGISTER
Q
D
Q
D
REGISTER
CLK
MULTIPLEXER
D
S1
S2
C
DUAL CHANNEL REAL
SINGLE CHANNEL COMPLEX
INT IN[15:0]
INT EXP[2:0]
INT DATA STROBE
CLR
DELAY 7
ENB
D
SET
Q
CLR
Q
Figure 27. Simplified Input Data Port Schematic for the AD6620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com