Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LQFP64
Description  High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 8Page - STMicroelectronics LQFP64 Datasheet HTML 9Page - STMicroelectronics LQFP64 Datasheet HTML 10Page - STMicroelectronics LQFP64 Datasheet HTML 11Page - STMicroelectronics LQFP64 Datasheet HTML 12Page - STMicroelectronics LQFP64 Datasheet HTML 13Page - STMicroelectronics LQFP64 Datasheet HTML 14Page - STMicroelectronics LQFP64 Datasheet HTML 15Page - STMicroelectronics LQFP64 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 98 page
background image
Description
STM32F100xC, STM32F100xD, STM32F100xE
12/98
Doc ID 15081 Rev 7
Figure 2.
Clock tree
1.
To obtain an ADC conversion time of 1.2 µs, APB2 must be at 24 MHz.
+6(26&
 0+]
26&B,1
26&B287
26&B,1
26&B287
/6( 26&
 N+]
+6, 5&
 0+]
/6, 5&
 N+]
WR LQGHSHQGHQW ZDWFKGRJ ,:'*
3//
[ [ [
3//08/
+6( +LJKVSHHG H[WHUQDO FORFN VLJQDO
/6( /RZVSHHG H[WHUQDO FORFN VLJQDO
/6, /RZVSHHG LQWHUQDO FORFN VLJQDO
+6, +LJKVSHHG LQWHUQDO FORFN VLJQDO
/HJHQG
0&2
FORF N RXW SXW
0DLQ
 [
$+%
3UHVFDOHU
 

3//&/.
+6,
+6(
$3%
3UHVFDOHU
    
$'&
3UHVFDOHU
   
$'&&/.0+]PD[
3&/.
+&/.
3//&/.
WR $+% EXV FRUH
PHPRU\ DQG '0$
WR $'&
/6(
/6,
+6,


+6,
+6(
SHULSKHUDOV
WR $3%
3HULSKHUDO &ORFN
(QDEOH
(QDEOH
3HULSKHUDO &ORFN
$3%
3UHVFDOHU
    
3&/.
7,0 WLPHUV
WR 7,0 7,0
7,0 DQG 7,0
SHULSKHUDOVWR $3%
3HULSKHUDO &ORFN
(QDEOH
(QDEOH
3HULSKHUDO &ORFN
 0+] PD[
 0+]
 0+] PD[
 0+] PD[
WR 57&
3//65&
6:
0&2
&66
WR &RUWH[6\VWHPWLPHU

&ORFN
(QDEOH
6<6&/.
PD[
57&&/.
57&6(/>@
7,0[&/.
7,0[&/.
,:'*&/.
6<6&/.
)&/. &RUWH[
IUHH UXQQLQJ FORFN
DL
,I $3%SUHVFDOHU  [
HOVH[
,I $3%SUHVFDOHU  [
HOVH[
35(',9


(QDEOH
)60&/.
WR)60&
3HULSKHUDOFORFN
7,0
WR 7,0
WR)ODVKSURJUDPPLQJLQWHUIDFH
)/,7)&/.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com