Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472WFVC Datasheet(PDF) 11 Page - Rohm

Part # BA3472WFVC
Description  Automotive High Speed Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472WFVC Datasheet(HTML) 11 Page - Rohm

Back Button BA3472WFVC Datasheet HTML 7Page - Rohm BA3472WFVC Datasheet HTML 8Page - Rohm BA3472WFVC Datasheet HTML 9Page - Rohm BA3472WFVC Datasheet HTML 10Page - Rohm BA3472WFVC Datasheet HTML 11Page - Rohm BA3472WFVC Datasheet HTML 12Page - Rohm BA3472WFVC Datasheet HTML 13Page - Rohm BA3472WFVC Datasheet HTML 14Page - Rohm BA3472WFVC Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200540-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
11/29
20.DEC.2012 Rev.002
TSZ22111・15・00
BA3472Yxxx-C, BA3474YFV-C, BA3472WFV-C, BA3474WFV-C
0
5
10
15
20
25
30
35
40
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
10203040
SUPPLY VOLTAGE[V]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
-50
-25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
0. 1
1. 0
10.0
100. 0
01
23
456
VCC-OUT[V]
○BA3472Y, BA3472W
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 6.
Maximum Output Voltage(High)
- Ambient Temperature
(RL=10k
Ω)
Figure 7.
Maximum Output Voltage(Low)
- Supply Voltage
(RL=10k
Ω)
Figure 8.
Maximum Output Voltage(Low)
- Ambient Temperature
(RL=10k
Ω)
Figure 9.
Output Source Current - (VCC-OUT)
(VCC/VEE=5V/0V)
36V
3V
30V
5V
25℃
125℃
-40℃
5V
3V
36V
30V
-40℃
25℃
125℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com