Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8108AST Datasheet(PDF) 21 Page - Analog Devices

Part # AD8108AST
Description  325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108AST Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8108AST Datasheet HTML 17Page - Analog Devices AD8108AST Datasheet HTML 18Page - Analog Devices AD8108AST Datasheet HTML 19Page - Analog Devices AD8108AST Datasheet HTML 20Page - Analog Devices AD8108AST Datasheet HTML 21Page - Analog Devices AD8108AST Datasheet HTML 22Page - Analog Devices AD8108AST Datasheet HTML 23Page - Analog Devices AD8108AST Datasheet HTML 24Page - Analog Devices AD8108AST Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD8108/AD8109
Rev. B | Page 20 of 32
CREATING LARGER CROSSPOINT ARRAYS
The AD8108/AD8109 are high density building blocks for creating
crosspoint arrays of dimensions larger than 8 × 8. Various features,
such as output disable, chip enable, and gain-of-1 and-2 options,
are useful for creating larger arrays. For very large arrays, they
can be used along with the AD8116, a 16 × 16 video cross-point
device. In addition, systems that require more inputs than
outputs can use the AD8110 and/or the AD8111, which are
(gain-of-1 and gain-of-2) 16 × 8 crosspoint switches.
The first consideration in constructing a larger crosspoint is to
determine the minimum number of devices required. The 8 × 8
architecture of the AD8108/AD8109 contains 64 points, which
is a factor of 16 greater than a 4 × 1 crosspoint. The PC board
area and power consumption savings are readily apparent when
compared to using these smaller devices.
For a nonblocking crosspoint, the number of points required is
the product of the number of inputs multiplied by the number
of outputs. Nonblocking requires that the programming of a
given input to one or more outputs does not restrict the
availability of that input to be a source for any other outputs.
Some nonblocking crosspoint architectures will require more than
this minimum as calculated above. Also, there are blocking archi-
tectures that can be constructed with fewer devices than this
minimum. These systems have connectivity available on a statis-
tical basis that is determined when designing the overall system.
The basic concept in constructing larger crosspoint arrays is to
connect inputs in parallel in a horizontal direction and to wire-
OR the outputs together in the vertical direction. The meaning
of horizontal and vertical can best be understood by looking at
a diagram.
An 8 input by 16 output crosspoint array can be constructed as
shown in Figure 48. This configuration parallels two inputs per
channel and does not require paralleling of any outputs. Inputs are
easier to parallel than outputs because there are lower parasitics
involved. For a 16 × 8 crosspoint, the AD8110 (gain of 1) or
AD8111 (gain of 2) device can be used. These devices are
already configured into a 16 × 8 crosspoint in a single device.
8 INPUTS
IN 00–07
16 OUTPUTS
OUT 00–15
ONE
TERMINATION
PER INPUT
8
8
8
8
8
AD8108
OR
AD8109
AD8108
OR
AD8109
Figure 48. 8 × 16 Crosspoint Array Using Two AD8108s (Unity Gain) or Two
AD8109s (Gain of 2)
Figure 49 illustrates a 16 × 16 crosspoint array, while a 24 × 24
crosspoint is illustrated in Figure 50. The 16 × 16 crosspoint
requires that each input driver drive two inputs in parallel and
each output be wire-OR’ed with one other output. The 24 × 24
crosspoint requires driving three inputs in parallel and having
the outputs wire-OR’ed in groups of three. It is required of the
system programming that only one output of a wired-OR node
be active at a time.
IN 00–07
00–07
08–15
IN 08–15
OUT 00–07
OUT 08–15
8
8
8
8
8
8
RTERM
RTERM
8
8
8
× 8
8
× 8
8
× 8
8
× 8
Figure 49. 16 × 16 Crosspoint Array Using Four AD8108s or AD8109s
IN 00–07
IN 08–15
IN 16–23
OUT 16–23
OUT 08–15
OUT 00–07
RTERM
8
× 8
8
× 8
8
× 8
8
× 8
8
× 8
8
× 8
8
× 8
8
× 8
8
× 8
RTERM
RTERM
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
Figure 50. 24 × 24 Crosspoint Array Using Nine AD8108s or AD8109s
At some point, the number of outputs that are wire-OR’ed
becomes too great to maintain system performance. This will
vary according to which system specifications are most
important. For example, a 64 × 8 crosspoint can be created with
eight AD8108/AD8109s. This design will have 64 separate
inputs and have the corresponding outputs of each device wire-
OR’ed together in groups of eight.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com