Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3472FVT-E2 Datasheet(PDF) 17 Page - Rohm

Part # BA3472FVT-E2
Description  High Speed with High Voltage Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472FVT-E2 Datasheet(HTML) 17 Page - Rohm

Back Button BA3472FVT-E2 Datasheet HTML 13Page - Rohm BA3472FVT-E2 Datasheet HTML 14Page - Rohm BA3472FVT-E2 Datasheet HTML 15Page - Rohm BA3472FVT-E2 Datasheet HTML 16Page - Rohm BA3472FVT-E2 Datasheet HTML 17Page - Rohm BA3472FVT-E2 Datasheet HTML 18Page - Rohm BA3472FVT-E2 Datasheet HTML 19Page - Rohm BA3472FVT-E2 Datasheet HTML 20Page - Rohm BA3472FVT-E2 Datasheet HTML 21Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
17/29
26.OCT.2012 Rev.002
TSZ22111・15・001
BA3472xxx, BA3472RFVM, BA3474xxx, BA3474RFV
0
5
10
15
20
25
30
35
40
45
-50
-25
0
255075
100
125
AMBIENT TEMPERATURE [℃]
○BA3474, BA3474R
(*) The above data is measurement value of typical sample, it is not guaranteed.
BA3474F:-40℃~+75℃ BA3474:-40℃~+85℃ BA3474R:-40℃~+105℃
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
10203040
SUPPLY VOLTAGE[V]
85℃
25℃
105℃
-40℃
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
-50
-25
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
5V
3V
30V
36V
25℃
105℃
-40℃
0. 1
1. 0
10.0
100. 0
0
0.5
1
1.5
2
2.5
3
VCC-VOUT[V]
Figure 29.
High level Output Voltage
- Ambient Temperature
(RL=10k
Ω)
Figure 30.
Low level Output Voltage
- Supply Voltage
(RL=10k
Ω)
Figure 31.
Low level Output Voltage
- Ambient Temperature
(RL=10k
Ω)
Figure 32.
Output Source Current - (VCC-VOUT)
(VCC/VEE=5V/0V)
36V
3V
30V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com