Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4559F Datasheet(PDF) 7 Page - Rohm

Part # LM4559F
Description  Low Noise Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM4559F Datasheet(HTML) 7 Page - Rohm

Back Button LM4559F Datasheet HTML 3Page - Rohm LM4559F Datasheet HTML 4Page - Rohm LM4559F Datasheet HTML 5Page - Rohm LM4559F Datasheet HTML 6Page - Rohm LM4559F Datasheet HTML 7Page - Rohm LM4559F Datasheet HTML 8Page - Rohm LM4559F Datasheet HTML 9Page - Rohm LM4559F Datasheet HTML 10Page - Rohm LM4559F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200580-1-2
©2012 ROHM Co., Ltd. All rights reserved.
7/17
1.NOV.2012 Rev.001
TSZ22111・15・001
LM4559F
●Typical Performance Curves (Reference data) – Continued
○LM4559F
-6
-4
-2
0
2
4
6
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
-6
-4
-2
0
2
4
6
-15
-10
-5
0
5
10
15
INPUT COMMON-MODE VOLTAGE [V]
Figure 8.
Input Offset Voltage – Ambient Temperature
(VCC/VEE=±15V)
Figure 9.
Input Offset Voltage – Input Common-mode Voltage
(VCC/VEE=±15V)
(*)The data above is measurement value of typical sample, it is not guaranteed.
25°C
-40°C
85°C
Figure 7.
Maximum Output Swing Bandwidth – Frequency
(VCC/VEE=±15V, Ta=25°C, RL=2k
Ω)
1
10
10
2
10
3
10
4
10
5
Figure 6.
Maximum Output Voltage – Ambient Temperature
(VCC/VEE=±15V, RL=2k
Ω)
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
255075
100
AMBIENT TEMPERATURE [
℃]
0
5
10
15
20
25
30
FREQUENCY [kHz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com