Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF6402 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF6402
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF6402 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF6402 Datasheet HTML 1Page - Motorola, Inc MRF6402 Datasheet HTML 2Page - Motorola, Inc MRF6402 Datasheet HTML 3Page - Motorola, Inc MRF6402 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MRF6402
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 Adc, VCE = 20 Vdc)
hFE
50
—
200
—
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 26 V, IE = 0, f = 1 MHz)
Cob
—
6
—
pF
FUNCTIONAL TESTS
Common–Emitter Amplifier Power Gain
(VCC = 26 V, Pout = 4 W, ICQ = 40 mA, f = 1.88 GHz)
Gp
9
10
—
dB
Collector Efficiency
(VCC = 26 V, Pout = 4 W, f = 1.88 GHz)
η
40
43
—
%
Load Mismatch
(VCC = 26 V, Pout = 4.5 W, ICQ = 40 mA, f = 1.88 GHz,
Load VSWR = 3:1, All Phase Angles at Frequency of Test)
Ψ
No Degradation in Output Power
f
(GHz)
1.75
1.84
1.95
0.12 + j0.18
0.13 + j0.2
0.15 + j0.16
0.06 + j0.05
0.06 + j0.04
0.06 + j0.02
Figure 1. Input and Output Impedances with Circuit Tuned for Maximum Gain
@ VCE = 26 V, ICQ = 40 mA, Pout = 4.5 W
Zin
(
Ω)
ZOL*
(
Ω)
ZOL*: Conjugate of optimum load impedance
into which the device operates at a
given output power, voltage, current
and frequency.
Zin
ZOL*
f = 1.95 GHz
1.75
f = 1.95 GHz
1.75
Zo = 50 Ω
1.84



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com