Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLEX10KA Datasheet(PDF) 39 Page - Altera Corporation

Part # FLEX10KA
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10KA Datasheet(HTML) 39 Page - Altera Corporation

Back Button FLEX10KA Datasheet HTML 35Page - Altera Corporation FLEX10KA Datasheet HTML 36Page - Altera Corporation FLEX10KA Datasheet HTML 37Page - Altera Corporation FLEX10KA Datasheet HTML 38Page - Altera Corporation FLEX10KA Datasheet HTML 39Page - Altera Corporation FLEX10KA Datasheet HTML 40Page - Altera Corporation FLEX10KA Datasheet HTML 41Page - Altera Corporation FLEX10KA Datasheet HTML 42Page - Altera Corporation FLEX10KA Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Altera Corporation
39
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Slew-Rate Control
The output buffer in each IOE has an adjustable output slew rate that can
be configured for low-noise or high-speed performance. A slower slew
rate reduces system noise and adds a maximum delay of approximately
2.9 ns. The fast slew rate should be used for speed-critical outputs in
systems that are adequately protected against noise. Designers can specify
the slew rate on a pin-by-pin basis during design entry or assign a default
slew rate to all pins on a device-wide basis. The slow slew rate setting
affects only the falling edge of the output.
Open-Drain Output Option
FLEX 10K devices provide an optional open-drain (electrically equivalent
to an open-collector) output for each I/O pin. This open-drain output
enables the device to provide system-level control signals (e.g., interrupt
and write enable signals) that can be asserted by any of several devices. It
can also provide an additional wired-OR plane. Additionally, the Altera
software can convert tri-state buffers with grounded data inputs to open-
drain pins automatically.
Open-drain output pins on FLEX 10K devices (with a pull-up resistor to
the 5.0-V supply) can drive 5.0-V CMOS input pins that require a VIH of
3.5 V. When the open-drain pin is active, it will drive low. When the pin is
inactive, the trace will be pulled up to 5.0 V by the resistor. The open-drain
pin will only drive low or tri-state; it will never drive high. The rise time
is dependent on the value of the pull-up resistor and load impedance. The
IOL current specification should be considered when selecting a pull-up
resistor.
Output pins on 5.0-V FLEX 10K devices with VCCIO = 3.3 V or 5.0 V (with
a pull-up resistor to the 5.0-V supply) can also drive 5.0-V CMOS input
pins. In this case, the pull-up transistor will turn off when the pin voltage
exceeds 3.3 V. Therefore, the pin does not have to be open-drain.
MultiVolt I/O Interface
The FLEX 10K device architecture supports the MultiVolt I/O interface
feature, which allows FLEX 10K devices to interface with systems of
differing supply voltages. These devices have one set of VCC pins for
internal operation and input buffers (VCCINT) and another set for I/O
output drivers (VCCIO).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com