Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLR341G Datasheet(PDF) 7 Page - Rohm

Part # TLR341G
Description  Low Voltage Operation Ground sense Operational amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TLR341G Datasheet(HTML) 7 Page - Rohm

Back Button TLR341G Datasheet HTML 3Page - Rohm TLR341G Datasheet HTML 4Page - Rohm TLR341G Datasheet HTML 5Page - Rohm TLR341G Datasheet HTML 6Page - Rohm TLR341G Datasheet HTML 7Page - Rohm TLR341G Datasheet HTML 8Page - Rohm TLR341G Datasheet HTML 9Page - Rohm TLR341G Datasheet HTML 10Page - Rohm TLR341G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200620-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/18
8.FEB.2013 Rev.001
TSZ22111・15・001
TLR341G
●Typical Performance Curves
○TLR341G
40
60
80
100
120
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
0
20
40
60
80
100
120
12
3
4
56
SUPPLY VOLTAGE [V]
1.5
2
2.5
3
3.5
4
4.5
5
5.5
123
45
6
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
Figure 3.
Supply Current – Supply Voltage
1.8V
5.0V
Figure 4.
Supply Current – Ambient Temperature
Figure 5.
Maximum
Output Voltage High –
Supply Voltage
(RL=2k
Ω)
-40℃
25℃
85℃
0
200
400
600
800
025
50
75
100
AMBIENT TEMPERATURE [
℃]
Figure 2.
Derating curve
85
TLR341G
(*)The data above is
measurement value of typical sample, it is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com