Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3897MPBF Datasheet(PDF) 29 Page - International Rectifier

Part # IR3897MPBF
Description  4A Highly Integrated SupIRBuck Single?륤nput Voltage
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3897MPBF Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3897MPBF Datasheet HTML 25Page - International Rectifier IR3897MPBF Datasheet HTML 26Page - International Rectifier IR3897MPBF Datasheet HTML 27Page - International Rectifier IR3897MPBF Datasheet HTML 28Page - International Rectifier IR3897MPBF Datasheet HTML 29Page - International Rectifier IR3897MPBF Datasheet HTML 30Page - International Rectifier IR3897MPBF Datasheet HTML 31Page - International Rectifier IR3897MPBF Datasheet HTML 32Page - International Rectifier IR3897MPBF Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
- 29 -
JANUARY 18, 2013 |DATA SHEET |    Rev 3.5
29
IR3897 
4A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97663
When the control FET turns on in the next cycle, the 
capacitor node connected to SW rises to the bus voltage 
Vin. However, if the value of C1 is appropriately chosen, 
the voltage Vc across C1 remains approximately 
unchanged and the voltage at the Boot pin becomes:  
 
(12)
Boot
in
cc
D
VV
V
V
 
 
 
Figure 24: Bootstrap circuit to generate Vc voltage 
A bootstrap capacitor of value 0.1uF is suitable for most 
applications. 
Input Capacitor Selection  
The ripple current generated during the on time of the 
control FET should be provided by the input capacitor. 
The RMS value of this ripple is expressed by: 
(1
)
(13)
RMS
o
II
D
D
 
 

 
(14)
o
in
V
D
V

 
Where: 
D is the Duty Cycle 
IRMS is the RMS value of the input capacitor current.  
Io is the output current. 
For Io=4A and D = 0.1, the IRMS = 1.8A. 
Ceramic capacitors are recommended due to their peak 
current capabilities. They also feature low ESR and ESL at 
higher frequency which enables better efficiency.  
For this application, it is advisable to have 3x10uF, 25V 
ceramic capacitors, C3216X5R1E106M from TDK. 
In addition to these, although not mandatory,  
a 1x330uF, 25V SMD capacitor EEV‐FK1E331P from Panasonic 
may also be used as a bulk capacitor and is recommended if 
the input power supply is not located close to the converter.  
Inductor Selection  
The inductor is selected based on output power, operating 
frequency and efficiency requirements. A low inductor value 
causes large ripple current, resulting in the smaller size, faster 
response to a load transient but poor efficiency and high 
output noise. Generally, the selection of the inductor value 
can be reduced to the desired maximum ripple current in the 
inductor (Δi). The optimum point is usually found between 
20% and 50% ripple of the output current. 
For the buck converter, the inductor value for the desired 
operating ripple current can be determined using the 
following relation: 

1
;
(15)
*
in
o
s
o
in
o
in
s
i
VV
L
t
D
tF
V
LV
V
Vi F
 
  



 
Where: 
Vin = Maximum input voltage 
V0 = Output Voltage 
Δi = Inductor Peak‐to‐Peak Ripple Current 
Fs = Switching Frequency 
Δt = ON time 
D = Duty Cycle 
 
If Δi ≈ 30%*Io, then the output inductor is calculated to be 
1.5μH. Select L=1.5μH, PCMB065T‐1R5MS, from Cyntec which 
provides a compact, low profile inductor suitable for this 
application. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com