Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ2205HD Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2205HD
Description  Dual-Channel Power Distribution Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2205HD Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TJ2205HD Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2205HD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Dual-Channel Power Distribution Switch
TJ2205
Oct. 2011 – R1.1
- 5 -
HTC
ELECTRICAL CHARACTERISTICS (Under the conditions of VIN=+5V and TA=25℃)
PARAMETER
Symbol
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VIN
2.7
5.5
V
Supply Current
ICC
Enable off ,OUT=Open
0.05
1
uA
Enable on, OUT=Open
90
160
uA
Enable Input Threshold
Voltage
VEN
(Note 5)
0.8
1.7
2.4
V
Enable Input Current
IEN
VEN = 0V to 5.5V
-1
0.01
1
uA
Enable Input Capacitance
CEN
1
pF
Switch Resistance
RDS(ON)
VIN=5V, IOUT=500mA
160
200
mΩ
VIN=3.3V, IOUT=500mA
200
230
mΩ
Output Turn-On Delay
TDON
RL=10Ω each output, CL=1uF
50
us
Output Turn-On Rise Time
TR
RL=10Ω each output, CL=1uF
40
us
Output Turn-Off Delay
TDOFF
RL=10Ω each output, CL=1uF
0.5
10
us
Output Turn-Off Fall Time
TF
RL=10Ω each output, CL=1uF
0.5
10
us
Output leakage Current
ILEAK
VENX≤0.8V
0.01
5
uA
Current Limit Threshold
ILIM
Ramped load applied to output
1.0
1.2
1.4
A
Short Circuit Current Limit
IOS
each output, VOUT=0V
0.7
1.0
1.25
A
Over-Temperature
Shutdown Threshold
TTS
Temperature increasing switch
145
oC
Temperature decreasing switch
135
oC
Error Flag Output Resistance
RFO
VIN=5V, IL=10mA
10
25
VIN=3.3V, IL=10mA
15
40
Error Flag Off Current
IFOH
VFLAG=5V
0.01
10
uA
UVLO Threshold
UVLO
VIN = increasing
2.3
2.5
2.7
V
VIN = decreasing
2.1
2.3
2.5
V
Overcurrent Flag Response
Delay
TDFOV
VIN=5V,
apply VOUT=0V until FLG low
0.45
ms
Note:
5. OFF is VEN≤0.8V and ON is VEN≥2.4V for the TJ2205H. OFF is VEN≥2.4V and ON is VEN≤0.8V for the TJ2205L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com