Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL5000 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5000
Description  TPL5000 Nano Power Programmable Timer with Watchdog Functionality
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL5000 Datasheet(HTML) 3 Page - Texas Instruments

  TPL5000 Datasheet HTML 1Page - Texas Instruments TPL5000 Datasheet HTML 2Page - Texas Instruments TPL5000 Datasheet HTML 3Page - Texas Instruments TPL5000 Datasheet HTML 4Page - Texas Instruments TPL5000 Datasheet HTML 5Page - Texas Instruments TPL5000 Datasheet HTML 6Page - Texas Instruments TPL5000 Datasheet HTML 7Page - Texas Instruments TPL5000 Datasheet HTML 8Page - Texas Instruments TPL5000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
D0
D1
TPL5000
D2
VDD
PGOOD
RSTn
WAKE
TCAL
GND
DONE
TPL5000
www.ti.com
SNAS628A – JULY 2013 – REVISED JULY 2013
PIN FUNCTIONS
Connection Diagram
Figure 2. Top View
10-Lead VSSOP
Pin Descriptions
Pin(s)
Name
Description
Application Information
1
D0
Logic Input to set period delay (tDP)
Connect to either GND (low logic value) or VDD (high logic
value)
2
D1
Logic Input to set period delay (tDP)
Connect to either GND (low logic value) or VDD (high logic
value)
3
D2
Logic Input to set period delay (tDP)
Connect to either GND (low logic value) or VDD (high logic
value)
4
VDD
Supply voltage
5
GND
Ground
6
DONE
Logic Input for watchdog functionality
7
TCAL
Short duration pulse output for estimation
of TPL5000 timer delay.
8
WAKE
Timer output signal generated every tDP
period.
9
RSTn
Reset Output (open drain output)
10
PGOOD
Digital power good input
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPL5000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com