Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78L09AF Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L09AF
Description  3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L09AF Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM78L09AF Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L09AF Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR
LM78LXX
Jun. 2012 - Rev. 1.5
- 4
-
HTC
PIN CONFIGURATION
TO-92
SOT-89
SOP-8
PIN DESCRIPTION
TO-92 / SOT-89 3 LEAD
SOP-8 8 LEAD
Pin No.
Name
Function
Name
Function
1
VOUT
Output Voltage
VOUT
Output Voltage
2
GND
Ground
GND
Ground
3
VIN
Input Voltage
GND
Ground
4 / 5
-
-
N.C
Not Connected
6 / 7
-
-
GND
Ground
8
-
-
VIN
Input Voltage
TYPICAL APPLICATION
LM78LXX
(Note 1)
0.1uF
(Note 2)
0.33uF
(Note 2)
INPUT
OUTPUT
Note)
1.
To specify an output voltage, substitute voltage for "XX".
2.
Bypass capacitors are recommended for optimum stability and transient response and should be located as close
as possible to the regulators.
1. VOUT 2. GND 3. VIN
1. VOUT
2. GND
3. GND
4. N.C
8. VIN
7. GND
6. GND
5. N.C
1. VOUT 2. GND 3. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com