Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2422/MJ Datasheet(PDF) 42 Page - SMSC Corporation

Part # USB2422/MJ
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2422/MJ Datasheet(HTML) 42 Page - SMSC Corporation

Back Button USB2422/MJ Datasheet HTML 38Page - SMSC Corporation USB2422/MJ Datasheet HTML 39Page - SMSC Corporation USB2422/MJ Datasheet HTML 40Page - SMSC Corporation USB2422/MJ Datasheet HTML 41Page - SMSC Corporation USB2422/MJ Datasheet HTML 42Page - SMSC Corporation USB2422/MJ Datasheet HTML 43Page - SMSC Corporation USB2422/MJ Datasheet HTML 44Page - SMSC Corporation USB2422/MJ Datasheet HTML 45Page - SMSC Corporation USB2422/MJ Datasheet HTML 46Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
2-Port USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (06-04-13)
42
SMSC USB2422
DATASHEET
Note 5.4
Output leakage is measured with the current pins in high impedance.
Note 5.5
See USB 2.0 Specification [1] for USB DC electrical characteristics.
Note 5.6
1000
μA for commercial temperature part, and 1200 μA for industrial temperature part.
Note 5.7
800
μA for commercial temperature part, and 1000 μA for industrial temperature part.
Note 5.8
Current measured during peak USB traffic and does not reflect the average current draw.
O12, I/O12 & I/OSD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA @
VDD33 = 3.3 V
High Output Level
VOH
2.4
V
IOH = -12 mA @
VDD33 = 3.3 V
Output Leakage
IOL
-10
+10
μA
Hysteresis (SD pad only)
VHYSC
250
350
mV
VIN = VDD33
(Note 5.1)
Supply Current Unconfigured
Hi-Speed Host
ICCINTHS
40
45
mA
Supply Current
Hi-Speed Host, each additional
downstream port
ICCINTFS
35
40
mA
Note 5.8
Supply Current
Hi-Speed Host, 1 downstream port
IHCH1
47
58
mA
Note 5.8
Supply Current
Hi-Speed Host, 2 downstream ports
IHCH2
70
89
mA
Note 5.8
Supply Current
Full-Speed Host, 1 downstream port
IFCC1
29
40
mA
Note 5.8
Supply Current
Full-Speed Host, 2 downstream ports
IFCC2
35
45
mA
Note 5.8
Supply Current Suspend
ICSBY
425
Note
5.6
μA
Supply Current Reset
ICRST
300
Note
5.7
μA
Table 5.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com