Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3503 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB3503
Description  USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3503 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB3503 Datasheet HTML 9Page - SMSC Corporation USB3503 Datasheet HTML 10Page - SMSC Corporation USB3503 Datasheet HTML 11Page - SMSC Corporation USB3503 Datasheet HTML 12Page - SMSC Corporation USB3503 Datasheet HTML 13Page - SMSC Corporation USB3503 Datasheet HTML 14Page - SMSC Corporation USB3503 Datasheet HTML 15Page - SMSC Corporation USB3503 Datasheet HTML 16Page - SMSC Corporation USB3503 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
Datasheet
SMSC USB3503A
13
Revision 1.1 (02-07-13)
DATASHEET
B1
USBDN1_DM
USB downstream Port 1 D- data pin
C2
USBDN2_DP
USB downstream Port 2 D+ data pin
D2
USBDN2_DM
USB downstream Port 2 D- data pin
C1
USBDN3_DP
USB downstream Port 3 D+ data pin
D1
USBDN3_DM
USB downstream Port 3 D- data pin
E5
SCL
I2C clock input
D5
SDA
I2C bi-directional data pin
E3
RESET_N
Active low reset signal
B5
HUB_CONNECT
Hub Connect
C5
INT_N
Active low interrupt signal
D4
REF_SEL1
Reference Clock Select 1 input
E4
REF_SEL0
Reference Clock Select 0 input
B3
REFCLK
Reference Clock input
A4
RBIAS
Bias Resistor pin
D3
VDD12_BYP
1.2 V Regulator
A2
VDD33_BYP
3.3 V Regulator
B2
VBAT
Voltage input from the battery supply
A3
VDD_CORE_REG
Power supply input to 1.2V regulator for digital logic core
C3
VSS
Ground
WLCSP PIN
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com