Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4624 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB4624
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB4624 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB4624 Datasheet HTML 9Page - SMSC Corporation USB4624 Datasheet HTML 10Page - SMSC Corporation USB4624 Datasheet HTML 11Page - SMSC Corporation USB4624 Datasheet HTML 12Page - SMSC Corporation USB4624 Datasheet HTML 13Page - SMSC Corporation USB4624 Datasheet HTML 14Page - SMSC Corporation USB4624 Datasheet HTML 15Page - SMSC Corporation USB4624 Datasheet HTML 16Page - SMSC Corporation USB4624 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
SMSC USB4624
13
Revision 1.0 (06-17-13)
DATASHEET
1
Downstream
USB D-
(Port 3)
USBDN3_DM
AIO
Downstream USB Port 3 D- data signal.
Port 3 D-
Disable
Configuration
Strap
PRT_DIS_M3
IS
This strap is used in conjunction with
PRT_DIS_P3 to disable USB Port 3.
0 = Port 3 D- Enabled
1 = Port 3 D- Disabled
Note:
Both PRT_DIS_P3 and PRT_DIS_M3
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
1
Downstream
USB D+
(Port 4)
USBDN4_DP
AIO
Downstream USB Port 4 D+ data signal.
Port 4 D+
Disable
Configuration
Strap
PRT_DIS_P4
IS
This strap is used in conjunction with
PRT_DIS_M4 to disable USB Port 4.
0 = Port 4 D+ Enabled
1 = Port 4 D+ Disabled
Note:
Both PRT_DIS_P4 and PRT_DIS_M4
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
1
Downstream
USB D-
(Port 4)
USBDN4_DM
AIO
Downstream USB Port 4 D- data signal.
Port 4 D-
Disable
Configuration
Strap
PRT_DIS_M4
IS
This strap is used in conjunction with
PRT_DIS_P4 to disable USB Port 4.
0 = Port 4 D- Enabled
1 = Port 4 D- Disabled
Note:
Both PRT_DIS_P4 and PRT_DIS_M4
must be tied to VDD33 at reset to
disable the associated port.
See Note 3.3 for more information on
configuration straps.
I2C/SMBUS INTERFACE
1
I2C Serial
Clock Input
SCL
I_SMB
I2C serial clock input
SMBus Clock
SMBCLK
I_SMB
SMBus serial clock input
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com