Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339D Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM339D
Description  QUAD Operational Amplifiers Wide range of supply voltages
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM339D Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM339D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QUAD Operational Amplifiers
LM339
Jun. 2011 – Ver.1.0
- 2
-
HTC
ABSOLUTE MAXIMUM RATING
CHARACTERISTIC
SYMBOL
Value
UNIT
Supply Voltage
VCC
40
V
Input Voltage
VIN
-0.3 ~ 40
V
Operating Temperature Range
TOPR
-40 ~ 125
℃
ELECTRICAL CHARACTERISTICS
At specified free-air temperature, VCC=5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS*
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VCC=5V to 30V
VIC=VICR min,
VO=1.4V
25℃
2
5
mV
Full range
9
IIO
Input offset current
VO=1.4V
25℃
5
50
nA
Full range
150
IIB
Input bias current
VO=1.4V
25℃
-25
-250
nA
Full range
-400
VICR
Common-mode input voltage range
25℃
0 to VCC-1.5
V
Full range
0 to VCC-2
AVD
Large-signal
differential
voltage
amplification
VCC=15V
VO=1.4V to 11.4V
RL≥15kΩ to VCC
25℃
50
200
V/mV
IOH
High-level output current
VCC=5V, VID=1V
25℃
0.1
50
nA
VCC=30V, VID=1V
Full range
1
uA
IOL
Low-level output current
IOL=1.5V, VID=-1V
25℃
6
mA
VOL
Low-level output voltage
IOL=4mA, VID=-1V
25℃
150
400
mV
Full range
700
ICC
Supply current
RL=∞
VCC=5V
Full range
0.8
2
mA
VCC=30V
Full range
2.5
* Full range (MIN to MAX), for the LM339 is - 40℃to 125℃. All characteristics are measured with zero common-mode input voltage unless
otherwise specified.
** The voltage at either input or common-mode should not be allowed to go negative by more than 0.3V. The upper end of the common-mode
voltage range is VCC -1.5V, but either or both inputs can go to 30V without damage.
SWITCHING CHARACTERISTICS, VCC=5V, TA=25℃
PARAMETER
TEST CONDITIONS*
MI
TY
M
UNIT
Response time
RL connected to 5V through 5.1k,
CL=15pF* (See Note 1)
100mV input step with 5-mA
overdrive
13
us
Full range
0.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com