Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM37101 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101
Description  1A Low-Voltage Low-Dropout Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM37101 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM37101 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37101/37102
Nov. 2011 – R1.1
- 11
-
HTC
Power Disspation(Pd) vs. Copper Area
0.4
0.6
0.8
1
1.2
1.4
1.6
10
100
1000
Copper Area (mm
2)
@ TJ=125℃
Thermal Resistance(ΘJA) vs. Copper Area
40
60
80
100
120
140
10
100
1000
Copper Area (mm
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com