Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2576 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576
Description  3A, 52kHz, Step-Down Switching Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2576 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 2
-
HTC
Ordering Information
VOUT
Package
Order No.
Description
Package Marking
Status
ADJ
SOP8-PP
LM2576DP-ADJ
3A, Adjustable, 52kHz, On/off
LM2576-ADJ
Contact Us
TO220-5L
LM2576T-ADJ
3A, Adjustable, 52kHz, On/off
LM2576-ADJ
Active
TO263-5L
LM2576R-ADJ
3A, Adjustable, 52kHz, On/off
LM2576-ADJ
Active
3.3V
SOP8-PP
LM2576DP-3.3
3A, Fixed, 52kHz, On/off
LM2576-3.3
Contact Us
TO220-5L
LM2576T-3.3
3A, Fixed, 52kHz, On/off
LM2576-3.3
Active
TO263-5L
LM2576R-3.3
3A, Fixed, 52kHz, On/off
LM2576-3.3
Active
5.0V
SOP8-PP
LM2576DP-5.0
3A, Fixed, 52kHz, On/off
LM2576-5.0
Contact Us
TO220-5L
LM2576T-5.0
3A, Fixed, 52kHz, On/off
LM2576-5.0
Active
TO263-5L
LM2576R-5.0
3A, Fixed, 52kHz, On/off
LM2576-5.0
Active
12V
SOP8-PP
LM2576DP-12
3A, Fixed, 52kHz, On/off
LM2576-12
Contact Us
TO220-5L
LM2576T-12
3A, Fixed, 52kHz, On/off
LM2576-12
Active
TO263-5L
LM2576R-12
3A, Fixed, 52kHz, On/off
LM2576-12
Active
Root Name
Product Code
LM
2576
Package Type
DP : SOP8-PP
T : TO220-5L
R : TO263-5L
Output Voltage : ADJ / 3.3V / 5.0V /12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com