Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYPES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TYPES
Description  TRANSZORB Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TYPES Datasheet(HTML) 2 Page - Vishay Siliconix

  TYPES Datasheet HTML 1Page - Vishay Siliconix TYPES Datasheet HTML 2Page - Vishay Siliconix TYPES Datasheet HTML 3Page - Vishay Siliconix TYPES Datasheet HTML 4Page - Vishay Siliconix TYPES Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ICTE5 thru ICTE18C, 1N6373 thru 1N6386
www.vishay.com
Vishay General Semiconductor
Revision: 18-Sep-12
2
Document Number: 88356
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) “C” suffix indicates bi-directional
(2) ICTE5 and 1N6373 are not available as bi-directional
(3) Clamping factor: 1.33 at full rated power; 1.20 at 50 % rated power; clamping factor: the ratio of the actual VC (clamping voltage) to the VBR
(breakdown voltage) as measured on a specific device
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (JEDEC REGISTERED DATA) (TA = 25 °C unless otherwise noted)
JEDEC
TYPE
NUMBER
GENERAL
SEMICONDUCTOR
PART NUMBER
STAND-OFF
VOLTAGE
VWM (V)
MINIMUM
BREAKDOWN
VOLTAGE
AT 1.0 mA
VBR (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAXIMUM
CLAMPING
VOLTAGE
AT IPP = 1.0 A
VC (V)
MAXIMUM
CLAMPING
VOLTAGE AT
IPP = 10 A
VC (V)
MAXIMUM
PEAK
PULSE
CURRENT
IPP (A)
UNI-DIRECTIONAL TYPES
1N6373 (2)
ICTE5 (2)
5.0
6.0
300
7.1
7.5
160
1N6374
ICTE8
8.0
9.4
25.0
11.3
11.5
100
1N6375
ICTE10
10.0
11.7
2.0
13.7
14.1
90
1N6376
ICTE12
12.0
14.1
2.0
16.1
16.5
70
1N6377
ICTE15
15.0
17.6
2.0
20.1
20.6
60
1N6378
ICTE18
18.0
21.2
2.0
24.2
25.2
50
BI-DIRECTIONAL TYPES
1N6382
ICTE8C
8.0
9.4
50
11.4
11.6
100
1N6383
ICTE10C
10.0
11.7
2.0
14.1
14.5
90
1N6384
ICTE12C
12.0
14.1
2.0
16.7
17.1
70
1N6385
ICTE15C
15.0
17.6
2.0
20.8
21.4
60
1N6386
ICTE18C
18.0
21.2
2.0
24.8
25.5
50
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
ICTE5-E3/54
0.968
54
1400
13" diameter paper tape and reel
ICTE5HE3/54 (1)
0.968
54
1400
13" diameter paper tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com