Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2005S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # DF2005S
Description  Voltage 50 V ~ 1000 V2.0 Amp Surface Mount Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DF2005S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DF2005S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DF2005S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF2005S ~ DF210S
Voltage 50 V ~ 1000 V
2.0 Amp Surface Mount Bridge Rectifiers
Elektronische Bauelemente
17-Aug-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward voltage drop, high current capability
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in inexpensive products
The plastic material has UL flammability classification 94V-0
MECHANICAL DATA
Polarity: As marked on Body
Weight:0.02 ounces, 0.38 grams
Mounting position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFS
1K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
DF
2005S
DF
201S
DF
202S
DF
204S
DF
206S
DF
208S
DF
210S
Peak Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Working Peak Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current @TA=40°C
I(AV)
2.0
A
Peak Forward Surge Current 8.3 ms Single
Half Sine-Wave Super Imposed on Rated
Load (JEDEC Method)
IFSM
60
A
Maximum Forward Voltage @ 2 A DC
VF
1.1
V
Maximum DC Reverse Current
TJ=25°C
IR
10
µA
TJ=125°C
500
I
2t Rating for Fusing (t<8.3ms)
I
2t
10.4
A
2s
Typical Junction Capacitance Per Element
1
CJ
25
pF
Typical Thermal Resistance
2
RθJA
40
°C /W
Operating and Storage temperature range
TJ, TSTG
-55 ~ 150
°C
Note:
1.
Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC
2.
Thermal resistance from junction to ambient mounted on P.C.B. with 0.5*0.5"(13*13mm) copper pads.
DFS
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
8.0
8.2
E
0.9
1.2
B
2.2
2.6
F
7.8
8.5
C
6.2
6.2
G
5.0
5.2
D
10.0
10.3
H
0.2
0.4


Similar Part No. - DF2005S

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DF2005S DIOTECH-DF2005S Datasheet
983Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
DF2005S PACELEADER-DF2005S Datasheet
193Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF2005S FORMOSA-DF2005S Datasheet
117Kb / 7P
SMD Bridge Rectifier
logo
Thinki Semiconductor Co...
DF2005S THINKISEMI-DF2005S Datasheet
1Mb / 2P
2.0 AMPERE SINGLE PHASE GLASS PASSIVATION SURFACE MOUNT BRIDGE RECTIFIERS
logo
First Silicon Co., Ltd
DF2005S FS-DF2005S Datasheet
479Kb / 2P
Bridge Rectifier
More results

Similar Description - DF2005S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_12 Datasheet
207Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
QG201AM SECOS-QG201AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG201JD SECOS-QG201JD Datasheet
222Kb / 2P
Voltage 50 ~ 1000 V 2.0Amp Surface Mount Silicon Rectifiers
QG301AM SECOS-QG301AM Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 3.0Amp Surface Mount Silicon Rectifiers
QG801C SECOS-QG801C Datasheet
271Kb / 2P
50 V ~ 1000 V 8.0 Amp Surface Mount Silicon General Purpose Rectifiers
SM4001AM SECOS-SM4001AM Datasheet
160Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SM4001JD SECOS-SM4001JD Datasheet
164Kb / 2P
Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
SMF101AM SECOS-SMF101AM Datasheet
187Kb / 2P
Voltage 50 ~ 1000 V 1.0 Amp Fast Recovery Rectifiers
SMF301AM SECOS-SMF301AM Datasheet
193Kb / 2P
Voltage 50 ~ 1000 V 3.0 Amp Fast Recovery Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com