Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA00CC0WHFP-E2 Datasheet(PDF) 4 Page - Rohm

Part # BA00CC0WHFP-E2
Description  2A/1A Variable Output LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WHFP-E2 Datasheet(HTML) 4 Page - Rohm

  BA00CC0WHFP-E2 Datasheet HTML 1Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 2Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 3Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 4Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 5Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 6Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 7Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 8Page - Rohm BA00CC0WHFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
4/17
BA00DD0xx series
BA00CC0xx series
TSZ02201-0R6R0A600080-1-2
25.July.2013 Rev.002
TSZ22111・15・001
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
●Electrical Characteristics
BA00CC0xx Series (Unless otherwise specified, Ta=25℃, VCTL=5V, Vcc=10V,Io=500mA,Vo=5V Setting)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
-
0
10
μA
VCTL=0V
Bias Current
Ib
-
2.5
5.0
mA
VCTL =2V,
Io=0mA
C Terminal Voltage
Vc
1.200
1.225
1.250
V
Io=50mA
Dropout Voltage
ΔVd
-
0.3
0.5
V
Vcc=Vo×0.95
Peak Output Current
Io
1.0
-
-
A
Ripple Rejection
R.R.
45
55
-
dB
f=120Hz, ein
※4=1Vrms,
Io=100mA
Line Regulation
Reg.I
-
20
100
mV
Vcc=6→25V
Load Regulation
Reg.L
-
50
150
mV
Io=5mA→1A
Temperature Coefficient of
Output Voltage
※5
Tcvo
-
±0.02
-
%/℃ Io=5mA,Tj=0℃ to 125℃
Output Short Current
Ios
-
0.40
-
A
Vcc=25V
ON Mode Voltage
VthH
2.0
-
-
V
ACTIVE MODE, Io=0mA
OFF Mode Voltage
VthL
-
-
0.8
V
OFF MODE, Io=0mA
Input High Current
ICTL
100
200
300
μA
VCTL=5V, Io=0mA
※4 ein : Input Voltage Ripple
※5 Not 100% tested
BA00DD0xx Series (Unless otherwise specified, Ta=25℃, Vcc=8V, VCTL=3V, Vo=5.0V setting)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
-
0
10
μA
VCTL =0V, Io=0mA
Bias Current
Ib
-
0.9
2.0
mA
Io=0mA
ADJ pin Voltage
Vadj
1.257
1.270
1.283
V
Io=100mA
ADJ pin Current ※6
Iadj
-
50
-
nA
Io=0mA
Dropout Voltage1
△Vd1
-
0.3
0.5
V
Vcc=0.95×Vo, Io=1A
Dropout Voltage2
△Vd2
-
0.45
0.7
V
Vcc=0.95×Vo, Io=2A
Peak Output Current
Io
2.0
-
-
A
Ripple Rejection
R.R.
-
55
-
dB
f=120Hz, ein
※7 =-20dBV,
Io=100mA
Line Regulation
Reg.I
-
15
35
mV
Vcc=5.7V→25V, Io=200mA
Load Regulation
Reg.L
-
50
100
mV
Io=0mA→2A
Temperature Coefficient of
Output Voltage ※6
Tcvo
-
±0.02
-
%/℃
Io=5mA, Tj=0℃ to 125℃
Output Short Current
Ios
-
0.4
-
A
Vcc=25V
CTL ON Mode Voltage
Von
2.0
-
Vcc
V
ACTIVE MODE, Io=0mA
CTL OFF Mode Voltage
Voff
-
-
0.8
V
OFF MODE, Io=0mA
CTL Input Current
ICTL
-
60
120
μA
VCTL =3V, Io=0mA
※6 Not 100% tested
※7 ein=Input Voltage Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com