Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC810M021FN8 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 45Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 46Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 47Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 48Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 49Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 50Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 51Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 52Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
49 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
12.6 SPI interfaces
The maximum data bit rate is 30 Mbit/s in master mode and 25 Mbit/s in slave mode.
Remark: SPI functions can be assigned to all digital pins. The characteristics are valid for
all digital pins except the open-drain pins PIO0_10 and PIO0_11.
[1]
Capacitance on pin SPIn_SCK CSCK < 5 pF.
[2]
Tcy(clk) = DIVVAL/CCLK with CCLK = system clock frequency. DIVVAL is the SPI clock divider. See the
LPC800 User manual UM10601.
Table 17.
SPI dynamic characteristics
Tamb = 40 C to 105 C; 1.8 V <= VDD <= 3.6 V. Simulated parameters sampled at the 50 % level of
the rising or falling edge; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
SPI master[1]
Tcy(clk)
clock cycle time
[2]
33
-
ns
tDS
data set-up time
0
-
ns
tDH
data hold time
16
-
ns
tv(Q)
data output valid time
CL = 10 pF
-
0.5
ns
th(Q)
data output hold time
CL = 10 pF
0.5
-
ns
SPI slave
Tcy(clk)
40
ns
tDS
data set-up time
0
-
ns
tDH
data hold time
16
-
ns
tv(Q)
data output valid time
CL = 10 pF
-
10
ns
th(Q)
data output hold time
CL = 10 pF
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com