Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU/5BB/1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8564AU/5BB/1
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/5BB/1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8564AU/5BB/1 Datasheet HTML 25Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 26Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 27Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 28Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 29Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 30Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 31Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 32Page - NXP Semiconductors PCF8564AU/5BB/1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
29 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
[1]
For reliable oscillator start-up at power-on: VDD(po)min =VDD(min) +0.3 V.
[2]
Timer source clock = 160 Hz.
[3]
CLKOUT disabled (FE = 0 or CLKOE = 0).
[4]
VIL and VIH with an input voltage swing of VSS to VDD.
[5]
CLKOUT is open circuit.
[6]
Current consumption when the CLKOUT pin is enabled is a function of the load on the pin, the output frequency, and the supply voltage.
The additional current consumption for a given load is calculated from:
.
[7]
Tested on sample basis.
ILI
input leakage current
VI = VSS or VDD
-0
-
A
post ESD event
1-
+1
A
Ci
input capacitance
[7] --
7
pF
Outputs
VO
output voltage
on pin CLKOUT
0.5
-
VDD +0.5
V
on pin INT
0.5
-
+5.5
V
IOL
LOW-level output
current
on pin SDA;
VOL =0.4 V; VDD =5V
3-
-
mA
on pin INT;
VOL =0.4 V; VDD =5V
1-
-
mA
on pin CLKOUT:
VOL =0.4 V; VDD =5V
1-
-
mA
IOH
HIGH-level output
current
on pin CLKOUT;
VOH =4.6 V; VDD =5V
1-
-
mA
ILO
output leakage current VO =VSS or VDD
-0
-
A
post ESD event
1-
+1
A
Voltage detector
Vlow
low voltage
Tamb =25 C-
0.9
1.0
V
Table 30.
Static characteristics …continued
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
I
DD
CV
DD
F
CLKOUT
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com