Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8564AU/5GB/1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8564AU/5GB/1
Description  Real time clock and calendar
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8564AU/5GB/1 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8564AU/5GB/1 Datasheet HTML 1Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 2Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 3Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 4Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 5Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 6Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 7Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 8Page - NXP Semiconductors PCF8564AU/5GB/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
PCF8564A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 26 August 2013
4 of 48
NXP Semiconductors
PCF8564A
Real time clock and calendar
7.
Pinning information
7.1 Pinning
7.2 Pin description
[1]
The substrate (rear side of the die) is at VSS potential and must not be connected.
Viewed from active side. For mechanical details, see Figure 27 and Figure 28.
Fig 2.
Pinning diagram of PCF8564A
Table 4.
Pin description
Input or input/output pins must always be at a defined level (VSS or VDD) unless otherwise specified.
Symbol
Pin
Description
OSCI
1
oscillator input
OSCO
2
oscillator output
INT
3
interrupt output, open-drain, active LOW
VSS
4
ground[1]
SDA
5
serial data input and output
SCL
6
serial clock input
CLKOUT
7
clock output, push-pull
VDD
8
supply voltage
CLKOE
9
CLKOUT enable input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com