Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA03CC0WT Datasheet(PDF) 13 Page - Rohm

Part # BA03CC0WT
Description  2A/1A Fixed Output LDO Regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0WT Datasheet(HTML) 13 Page - Rohm

Back Button BA03CC0WT Datasheet HTML 9Page - Rohm BA03CC0WT Datasheet HTML 10Page - Rohm BA03CC0WT Datasheet HTML 11Page - Rohm BA03CC0WT Datasheet HTML 12Page - Rohm BA03CC0WT Datasheet HTML 13Page - Rohm BA03CC0WT Datasheet HTML 14Page - Rohm BA03CC0WT Datasheet HTML 15Page - Rohm BA03CC0WT Datasheet HTML 16Page - Rohm BA03CC0WT Datasheet HTML 17Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Datasheet
13/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
25.July.2013 Rev.002
www.rohm.com
●I/O equivalence circuit
<BAxxDD0xx Series>
<BAxxCC0xx Series>
Fig.27
Fig.28
●Power Dissipation
Vcc
CTL
39kΩ
2kΩ
31kΩ
10kΩ
Vcc
OUT
R2
R1
Vcc
CTL
25kΩ
25kΩ
10kΩ
OUT
R2
R1
Vcc
Fig.29
Fig.30
Fig.31
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
Ambient temperature:Ta(
℃)
Mounted on a Rohm standard board
Board size : 70×70×1.6 ㎜
Copper foil area :7×7 ㎜
TO252-5θja=96.2(℃/W)
1.30
0
5
10
15
20
25
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
(1)20.0
(2)2.0
When using a maximum heat sick : θj-c=6.25(℃/W)
When using an IC alone : θj-6=62.5(℃/W)
0
1
2
3
4
5
6
7
8
9
10
0
25
50
75
100
125
150
Ambient temperature:Ta(
℃)
Board size : 70×70×1.6 ㎜
3 (board contains a thermal via)
Board front copper foil area : 10.5×10.5 ㎜
2
①2-layer board (back surface copper foil area :15×15 ㎜
2)
②2-layer board (back surface copper foil area :70×70 ㎜
2)
③4-layer board (back surface copper foil area :70×70 ㎜
2)
③7.3W
②5.5W
①2.3W
HRP-5
TO220FP-5
TO252-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com