Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP00AM Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # IP00AM
Description  IPx6 Rated Surface Mount LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

IP00AM Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  IP00AM Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED IP00AM Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2010 Avago Technologies. All rights reserved.
AV02-2678EN - November 4, 2010
3.2 Description of IP code against ingress of water (second characteristic numeral)
IP code
Description for degree of protection
IPX 0
Non-protected
IPX 1
Protected against vertically falling water drops
IPX 2
Protected against vertically falling water drops when enclosure tilted up to 15°
IPX 3
Protected against spraying water
IPX 4
Protected against splashing water
IPX 5
Protected against water jets
IPX 6
Protected against powerful water jets
IPX 7
Protected against the effects of temporary immersion in water
IPX 8
Protected against the effects of continuous immersion in water
4. Benefits of IPX6-rated LED packages
Common surface mount LED packages, especially those
with silicone encapsulation, require additional protection
commonly in the form of a transparent cover on top of
the LED or LED panel to shield off direct water exposure.
The cover also acts as a protection against dust accumula-
tion on the silicone surface. Prolonged exposure to water
without protection on such LED packages might lead to
premature LED failures.
In contrast, Avago’s IPX6-rated surface mount LED
packages are capable of withstanding direct exposed to
the outdoor environment where rainfall, condensation,
mist or water splashes can come in direct contact with
the LED surface. Moreover, sign and display makers can
now design their products without a transparent plastic
cover when using Avago’s LED with IPX6 rating. This
directly reduces the material and assembly costs of the
end product as well as eliminating the unwanted reflec-
tion from the plastic cover.
5. Cleaning
Surface mount LED packages with silicone encapsula-
tion generally attract dust and dirt due to their surface
tackiness. To clean the LED surface when this happens,
water can be sprayed directly on the LED panel, as these
LED packages are IPX6 rated. It is recommended that the
water pressure be kept below 30kPa to avoid exerting too
much pressure on the LED surface.
6. Precautions
Avago surface mount LED packages have metal leads pro-
truding from the polymer body. These leads act as electrical
terminalstothepackageandaremeanttobesolderedontoa
printed circuit board. Although packages that are IPX6 rated
are protected against powerful water jets, it is necessary to
protect the leads and the solder joints from being exposed
to the environment. If left unprotected, such exposure may
lead to corrosion, shorts, leakage or breakdowns.
After having been in contact with water, small globules of
watermightremainontheLEDsurface.Thesesmallglobules,
acting just like lenses, might slightly affect the optical per-
formance of the LED package. However, the effect is not
permanent and will disappear as the water dries off.
Although these IPX6-rated LED packages are protected
against exposure to water, the soft silicone encapsulation is
stillsusceptibletoexternalmechanicalstresswhichmaylead
to unwanted catastrophic failure. It is therefore necessary to
observe appropriate precautions as listed in Avago applica-
tion note AN 5288 when handling these devices.
Electronic grade potting
material
Printed circuit board
Avago’s IPX6 rated LED
Outdoor environment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com