Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB706D-40T146 Datasheet(PDF) 5 Page - Rohm

Part # RB706D-40T146
Description  Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB706D-40T146 Datasheet(HTML) 5 Page - Rohm

  RB706D-40T146 Datasheet HTML 1Page - Rohm RB706D-40T146 Datasheet HTML 2Page - Rohm RB706D-40T146 Datasheet HTML 3Page - Rohm RB706D-40T146 Datasheet HTML 4Page - Rohm RB706D-40T146 Datasheet HTML 5Page - Rohm RB706D-40T146 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB706D-40
lElectrical characteristic curves
0
0.02
0.04
0.06
0.08
0.1
0
25
50
75
100
125
D = 1/2
DC
Sin(θ=180)
Per chip
0
0.02
0.04
0.06
0.08
0.1
0
25
50
75
100
125
D = 1/2
DC
Sin(θ=180)
Per chip
AMBIENT TEMPERATURE : Ta(°C)
DERATING CURVE (Io-Ta)
CASE TEMPERATURE : Tc(°C)
DERATING CURVE (Io-Tc)
T
Tj=125°C
D=t/T
t
VR
Io
VR=20V
0A
0V
T
Tj=125°C
D=t/T
t
VR
Io
VR=20V
0A
0V
5/5
2013.04 - Rev.D



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com