Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPX8CS Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # IPX8CS
Description  IPx6 Rated Surface Mount LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

IPX8CS Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  IPX8CS Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED IPX8CS Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IPx6 Rated Surface Mount LED
Application Note 5487
1. Introduction
The LED has been used in variable-message signs and full-
color display applications for years. Its popularity in such
applications stems from the vibrant and wide color gamut
that it produces, its long operating lifetime, and its ex-
ceptional brightness which makes it suitable for outdoor
viewing. The common LED package used in outdoor sign
and display applications has typically been the through-
hole package, due to its robust package design, high
optical efficiency and shapeable radiation pattern.
Thanks to the advancement of surface mount LED
package design and materials in recent years, coupled
with the progress in LED die efficiency, surface mount
LED packaging can now deliver the required brightness
for outdoor sign and display applications. In order to fully
enable their potential for use in harsh outdoor environ-
ments, Avago has developed a series of surface mount
tricolor packages with high reliability and durability
that fully satisfy the requirements for outdoor applica-
tions. With our patented package design and proprietary
material, these packages comply with IPX6 coding per IEC
60529 standard for protection against water.
The objective of this Application Note is to provide users a
general understanding of the IPX6 coding, its advantages
as well as precautions needed when using these LEDs.
2. Reference Documents
IEC 60529: Degree of protection provided by enclosure
(IP Code)
This standard provides a summarized definition of ingress
protection (IP) code designations and the test require-
ments with which a package must comply to qualify for a
specific IP coding.
3. What is IP code?
IP code is used to determine the degree of ingress pro-
tection provided by an enclosure against solid foreign
objects (first characteristic numeral), ingress of water
(second characteristic numeral) and hazardous parts
(additional letter). Since surface mount LED packages are a
complete solid without air gap, the ingress of solid objects
(such as dust or dirt) is of less concern. As such, this appli-
cation note focuses mainly on the ingress of water within
the surface mount package.
3.1 IP Code Delineation
Supplementary Information
Supplement letter (optional), with letters H, M, S, W
--
Additional letter (optional), with letters A, B, C, D
Protection against ingress of water with harmful effects
Second characteristic numeral, with (numerals 0 to 8 or letter X)
Protection against ingress of solid foreign object
First characteristic numeral, with (numerals 0 to 6 or letter X)
IP X X X X


Similar Part No. - IPX8CS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPX80P03P4-05 INFINEON-IPX80P03P4-05 Datasheet
174Kb / 9P
OptiMOS짰-P2 Power-Transistor
Rev. 1.0 2008-09-30
IPX80R1K0CE INFINEON-IPX80R1K0CE Datasheet
2Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-07-18
IPX80R1K4CE INFINEON-IPX80R1K4CE Datasheet
2Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
More results

Similar Description - IPX8CS

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
Surface Mount LED
logo
Seoul Semiconductor
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
surface-mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-YTC2-0AA02 AVAGO-ASMT-YTC2-0AA02 Datasheet
151Kb / 2P
IPx6 Rated Surface Mount LED Application Note 5487
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
SURFACE MOUNT LED MOUNT
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
Surface mount LED
DDX-GRS-I1 DOMINANT-DDX-GRS-I1 Datasheet
912Kb / 12P
Surface mount LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com