Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM120AF Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM120AF
Description  20V ~200V 1.0 Amp Surfacemount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM120AF Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM120AF Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM120AF Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM120AF~SM1200AF
20 V ~ 200 V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
07-Feb-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free and RoHS Compliant
FEATURES
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Low forward voltage drop
PACKAGING INFORMATION
Metallurgically bonded construction
Polarity: Color band denotes cathode end
Case: Molded plastic
Epoxy: UL94-V0 rate flame retardant
Weight: 0.032 grams (approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMAF
3K
7 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25
°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Part Number
Unit
SM
120AF
SM
140AF
SM
160AF
SM
1100AF
SM
1150AF
SM
1200AF
Maximum Recurrent Peak Reverse
Voltage
VRRM
20
40
60
100
150
200
V
Working Peak Reverse Voltage
VRMS
14
28
42
70
105
140
V
Maximum DC Blocking Voltage
VR
20
40
60
100
150
200
V
Maximum Instantaneous Forward
Voltage @ 1A
VF
0.45
0.5
0.7
0.85
0.87
0.9
V
Maximum Average Forward Rectified
Current, See Fig.1
IO
1
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
30
A
Maximum Reverse
Current
2
TC=25°C
IR
0.5
0.2
mA
TC=100°C
10
5
Typical Thermal Resistance
RθJA
120
°C / W
Typical Thermal Resistance
RθJC
90
Diode Junction Capacitance (Typ.)
1
CJ
90
70
60
50
35
pF
Operating Temperature Range
TJ
-50 ~ 125
-50~150
°C
Storage Temperature Range
TSTG
-50~150
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage
2.
Pulse Test:Pulse Width = 300 µs, Duty Cycle
2.0%.
≦
SMAF
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
3.95
4.60
D
0.75
1.50
B
2.25
2.95
E
1.25
1.65
C
4.80
5.60
F
0.90
1.10


Similar Part No. - SM120AF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM120AF SECOS-SM120AF_15 Datasheet
236Kb / 2P
1.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM120AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR160S ETC1-SR160S Datasheet
53Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SDBS12 TSC-SDBS12 Datasheet
101Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS120PR SECOS-SCS120PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR102 TSC-SR102_10 Datasheet
527Kb / 2P
1.0 AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCDS101 SECOS-SCDS101_12 Datasheet
136Kb / 2P
Voltage 50V ~ 200V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320AS SECOS-SM320AS Datasheet
222Kb / 3P
Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM220AF SECOS-SM220AF Datasheet
237Kb / 2P
20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
SM520AF SECOS-SM520AF Datasheet
242Kb / 2P
20V ~200V 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SB120 DGNJDZ-SB120 Datasheet
262Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR220 DGNJDZ-SR220 Datasheet
178Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com