Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM140HT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM140HT
Description  Voltage 40V ~150V 1.0 Amp Surface Mount Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM140HT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM140HT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM140HT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM140HT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM140HT~SM1150HT
Voltage 40V ~ 150V
1.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
19-Apr-2012 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Parameter
Symbol
Part Number
Unit
SM140HT
SM160HT
SM1100HT
SM1150HT
Maximum Repetitive Peak Reverse
Voltage
VRRM
40
60
100
150
V
Maximum RMS Voltage
VRMS
28
42
70
105
V
Continuous reverse voltage
VR
40
60
100
150
V
Maximum Average Forward Rectified
Current, See Fig.1
IO
1
A
Peak Forward Surge Current, 8.3 ms
single half sine-wave superimposed on
rated load
IFSM
30
A
Maximum Instantaneous Forward Voltage
@ IF=3A
VF
0.5
0.7
0.85
0.9
V
Maximum Reverse
Current
TJ=25°C
IR
0.5
mA
TJ=100°C
10
Typical Junction Capacitance
1
CJ
120
pF
Typical Thermal Resistance
RθJC
30
°C / W
Operating Temperature
TJ
-55~125
-55~150
°C
Storage Temperature
TSTG
-65~175
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com