Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS78L05 Datasheet(PDF) 3 Page - Orister Corporation

Part # RS78L05
Description  These regulators employ internal current-limiting and thermal-shutdown, making them essentially indestructible.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS78L05 Datasheet(HTML) 3 Page - Orister Corporation

  RS78L05 Datasheet HTML 1Page - Orister Corporation RS78L05 Datasheet HTML 2Page - Orister Corporation RS78L05 Datasheet HTML 3Page - Orister Corporation RS78L05 Datasheet HTML 4Page - Orister Corporation RS78L05 Datasheet HTML 5Page - Orister Corporation RS78L05 Datasheet HTML 6Page - Orister Corporation RS78L05 Datasheet HTML 7Page - Orister Corporation RS78L05 Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page No. : 3/8
DS-RS78L05_12-05 February, 2007
www.Orister.com
RS78L12 Electrical Characteristics
VIN=19V, IOUT=40mA, CIN=0.33uF, COUT=0.1uF, 0CTj125C (unless otherwise specified)
RS78L12AM/AA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tj=25C
11.64
12
12.36
1mA
I
OUT70mA
VO
Output Voltage
14.5V
V
IN27V, 1mAIOUT40mA
11.64
12
12.36
V
Tj=25C, 14.5VVIN27V
-
15
150
Regline
Line Regulation
Tj=25C, 16VVIN27V
-
15
100
mV
Tj=25C, 1mAIOUT100mA
-
20
100
Regload
Load Regulation
Tj=25C, 1mAIOUT40mA
-
10
50
mV
IB
Quiescent Current
IOUT=5mA, Tj=25C
-
3.9
6
mA
16V
V
IN27V, Tj=25
oC
-
-
1.5
I
B
Quiescent Current
Change
1mA
I
OUT40mA, Tj=25
oC
-
-
0.1
mA
VN
Output Noise Voltage
10Hz
f100KHz, T
j=25C
-
80
-
uVrms
RR
Ripple Rejection
15V
V
IN25V, f=120Hz, Tj=25
oC
41
54
-
dB
VD
Dropout Voltage
Tj=25C, IOUT=100mA
-
1.7
2.5
V
IPK
Peak Output Current
150
mA
RO
Output Resistance
f=1KHz
-
17
-
m
TCVO
Average Temperature
Coefficient of Output
Voltage
IOUT=5mA
-
-
-1.4
mV/
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com