Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1290BCSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1290BCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290BCSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1290BCSW Datasheet HTML 1Page - Linear Technology LTC1290BCSW Datasheet HTML 2Page - Linear Technology LTC1290BCSW Datasheet HTML 3Page - Linear Technology LTC1290BCSW Datasheet HTML 4Page - Linear Technology LTC1290BCSW Datasheet HTML 5Page - Linear Technology LTC1290BCSW Datasheet HTML 6Page - Linear Technology LTC1290BCSW Datasheet HTML 7Page - Linear Technology LTC1290BCSW Datasheet HTML 8Page - Linear Technology LTC1290BCSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
LTC1290
1290fe
, LTC and LT are registered trademarks of Linear Technology Corporation.
LTCMOS is a trademark of Linear Technology Corporation. All other trademarks
are the property of their respective owners. Protected by U.S. Patents, including 5287525.
DESCRIPTIO
KEY SPECIFICATIO S
FEATURES
Single Chip 12-Bit Data
Acquisition System
12-Bit 8-Channel Sampling Data Acquisition System
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
DGND
VCC
ACLK
SCLK
DIN
DOUT
CS
REF +
REF –
V –
AGND
LTC1290
DIFFERENTIAL INPUT (+)
±5V COMMON MODE RANGE (–)
•
•
•
•
•
•
1k
SINGLE-ENDED INPUT
0V TO 5V OR
±5V
±15V OVERVOLTAGE RANGE*
TO AND FROM
MICROPROCESSOR
0.1
µF
1N5817
–5V
22
µF
TANTALUM
1N5817
1N4148
4.7
µF
TANTALUM
1
µF
LT
®1027
5V
8V TO 40V
* FOR OVERVOLTAGE PROTECTION ON ONLY ONE CHANNEL LIMIT THE INPUT CURRENT TO 15mA. FOR OVERVOLTAGE PROTECTION
ON MORE THAN ONE CHANNEL LIMIT THE INPUT CURRENT TO 7mA PER CHANNEL AND 28mA FOR ALL CHANNELS. (SEE SECTION ON
OVERVOLTAGE PROTECTION IN THE APPLICATIONS INFORMATION SECTION.) CONVERSION RESULTS ARE NOT VALID WHEN THE SELECTED
OR ANY OTHER CHANNEL IS OVERVOLTAGED (VIN < V
– OR V
IN > VCC).
1290 • TA01
+
+
The LTC
®1290 is a data acquisition component which
contains a serial I/O successive approximation A/D con-
verter. It uses LTCMOS
TM switched capacitor technology
to perform either 12-bit unipolar or 11-bit plus sign bipolar
A/D conversions. The 8-channel input multiplexer can be
configured for either single-ended or differential inputs (or
combinations thereof). An on-chip sample-and-hold is
included for all single-ended input channels. When the
LTC1290 is idle it can be powered down with a serial word
in applications where low power consumption is desired.
The serial I/O is designed to be compatible with industry
standard full duplex serial interfaces. It allows either MSB-
or LSB-first data and automatically provides 2's comple-
ment output coding in the bipolar mode. The output data
word can be programmed for a length of 8, 12 or 16 bits.
This allows easy interface to shift registers and a variety of
processors.
■ Software Programmable Features
– Unipolar/Bipolar Conversion
– Four Differential/Eight Single-Ended Inputs
– MSB- or LSB-First Data Sequence
– Variable Data Word Length
– Power Shutdown
■ Built-In Sample-and-Hold
■
Single Supply 5V or
±5V Operation
■ Direct Four-Wire Interface to Most MPU Serial Ports
and All MPU Parallel Ports
■
50kHz Maximum Throughput Rate
■ Available in 20-Lead PDIP and SO Wide Packages
■ Resolution: 12 Bits
■ Fast Conversion Time: 13
µs Max Over Temp
■ Low Supply Current: 6.0mA
TYPICAL APPLICATIO


Similar Part No. - LTC1290BCSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290BCSW LINER-LTC1290BCSW Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1290BCSW LINER-LTC1290BCSW Datasheet
618Kb / 32P
Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290BCSW LINEAR-LTC1290BCSW Datasheet
580Kb / 32P
Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290BCSW LINER-LTC1290BCSW Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290BCSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com