Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2012P Datasheet(PDF) 1 Page - Orister Corporation

Part # RS2012P
Description  Low Power OFF-Line SMPS Primary Switcher
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2012P Datasheet(HTML) 1 Page - Orister Corporation

  RS2012P Datasheet HTML 1Page - Orister Corporation RS2012P Datasheet HTML 2Page - Orister Corporation RS2012P Datasheet HTML 3Page - Orister Corporation RS2012P Datasheet HTML 4Page - Orister Corporation RS2012P Datasheet HTML 5Page - Orister Corporation RS2012P Datasheet HTML 6Page - Orister Corporation RS2012P Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page No. : 1/
7
DS-RS2012-0
3
July, 2008
www.Orister.com
RS2012
Low Power OFF-Line SMPS Primary Switcher
The RS2012 combines a dedicated current mode PWM controller with a high voltage Power MOSFET on the same
silicon chip.
Typical applications cover off line power supplies for battery charger adapters, standby power supplies for TV or
monitors, auxiliary supplies for motor control, etc. The internal control circuit offers the following benefits:
◎
Large input voltage range on the VCC pin accommodates changes in auxiliary supply voltage. This feature is
well adapted to battery charger adapter configurations.
◎
Automatic burst mode in low load condition.
◎
Over voltage protection in HICCUP mode.
Features
◎
85V to 265V wide range AC voltage input
◎
A 700V MOSFET on the same silicon chip
◎
Auto start up with high voltage current source
◎
PWM with current mode control
◎
9V to 38V wide range VCC voltage
◎
Fixed 60KHz switching frequency
◎
Automatic skip cycle mode in low load condition
◎
Over temperature, over current and over voltage protection
◎
Auxiliary under voltage lockout with hysteresis
Applications
◎
Power AC/DC Adapters for Chargers
◎
DVD/VCD power supplies
◎
Electromagnetic Oven power supplies
◎
Air Conditioner power supplies
◎
STB power supplies
◎
AC/DC LED Driver Applications
Pin Configurations
TYPE
SOP-8L
DIP-8L
European (195-265 Vac)
8W
13W
US (85-265 Vac)
5W
8W
Pin Number
Pin Name
Function Description
1, 2
GND
Sense FET source terminal on primary side and internal control ground.
3
COMP
Feedback input defines the peak drain MOSFET current.
4
VCC
Positive supply voltage input. Although connected to an auxiliary transformer winding,
current is supplied from SW via an internal switch during startup (see Internal Block
Diagram section). It is not until VCC reaches them UVLO upper threshold (14.5V)
that the internal start-up switch opens and device power is supplied via the auxiliary
transformer winding.
5, 6, 7, 8
SW
The SW pin is designed to connect directly to the primary lead of the transformer and
is capable of switching a maximum of 700V.


Similar Part No. - RS2012P

ManufacturerPart #DatasheetDescription
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Dc Components
RS201 DCCOM-RS201 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
RS201 FORMOSA-RS201 Datasheet
29Kb / 2P
SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Leshan Radio Company
RS201 LRC-RS201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
More results

Similar Description - RS2012P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
VIPER22-LED-EV STMICROELECTRONICS-VIPER22-LED-EV Datasheet
392Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
logo
Orister Corporation
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
logo
Guangdong Kexin Industr...
VIPER12A KEXIN-VIPER12A Datasheet
342Kb / 6P
Low Power Off Line SMPS Primary Switcher
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com