Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF644 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF644
Description  RF POWER TRANSISTOR NPN SILICON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF644 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF644 Datasheet HTML 1Page - Motorola, Inc MRF644 Datasheet HTML 2Page - Motorola, Inc MRF644 Datasheet HTML 3Page - Motorola, Inc MRF644 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MRF644
MOTOROLA RF DEVICE DATA
Figure 2. Power Output versus Power Input
Figure 3. Power Output versus Frequency
Figure 4. Power Output versus Supply Voltage
Figure 5. Power Saturation Profile
Figure 6. Series Equivalent Input–Output Impedance
VCC, SUPPLY VOLTAGE (VOLTS)
40
4
10
30
20
0
6
8
10
12
14
16
18
20
Pin, POWER INPUT (WATTS)
40
1
10
30
20
0
2
3
4
5
6
7
8
9
f, FREQUENCY (MHz)
460
480
500
520
440
40
10
30
20
0
Pin, POWER INPUT (WATTS)
2
1
40
10
30
20
0
3
4
5
6
7
8
9
Pin = 8 W
VCC = 13.6 V
6 W
f = 470 MHz
12.5 V
VCC = 12.5 V
f = 470 MHz
Pin = 6 W
f = 470 MHz
VCC = 13.6 V
12.5 V
0
20
5.0
10
15
20
15
10
5.0
5.0
f = 450 MHz
470
25
10
f = 450 MHz
512
512
ZOL*
Zin
FREQUENCY
MHz
Zin
(OHMS)
ZOL*
(OHMS)
450
470
512
1.21 + j3.47
1.21 + j3.25
1.06 + j2.09
1.76 + j1.96
1.90 + j2.14
1.96 + j2.34
ZOL* = Conjugate of the optimum load impedance into which the device output
operates at a given output power, voltage and frequency.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com