Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-3813 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3813
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3813 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3813 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-3813 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings[1] T
C = +25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
I
f
Forward Current (1 μs Pulse)
Amp
1
1
P
IV
Peak Inverse Voltage
V
Same as V
BR
Same as V
BR
T
j
Junction Temperature
°C
150
150
T
stg
Storage Temperature
°C
-65 to 150
-65 to 150
T
jc
Thermal Resistance [2]
°C/W
500
150
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to the device.
2. T
C
= +25°C, where T
C
is defined to be the temperature at the package pins where contact is made to the circuit board.
Electrical Specifications T
C = +25°C (Each Diode)
Conventional Diodes
Part
Number
HSMP-
Package
Marking
Code
Lead
Code
Configuration
Minimum
Breakdown
Voltage V
BR
(V)
Maximum
Total
Capacitance
C
T (pF)
Minimum
Resistance
at
I
F = 0.01mA,
RH (Ω)
Maximum
Resistance
at
I
F = 20mA,
R
L (Ω)
Maximum
Resistance
at
I
F = 100mA,
RT (Ω)
Resistance
at
I
F = 1mA,
R
M (Ω)
3810
E0
0
Single
100
0.35
1500
10
3.0
48 to 70
3812
E2
2
Series
3813
E3
3
Common Anode
3814
E4
4
Common Cathode
3815
E5
5
Reverse Series
381B
E0
B
Single
381C
E2
C
Series
381E
E3
E
Common Anode
381F
E4
F
Common Cathode
Test Conditions
V
R
= V
BR
Measure
I
R
≤ 10uA
V
R
= 50V
f = 1MHz
I
F
= 0.01mA
f = 100MHz
I
F
= 20mA
f = 100MHz
I
F
= 100mA
f = 100MHz
I
F
= 1mA
f = 100MHz
High Frequency (Low Inductance, 500 MHz – 3 GHz) PIN Diodes
Part
Number
HSMP-
Package
Marking
Code
Lead
Code
Configuration
Minimum
Breakdown
Voltage
V
BR (V)
Maximum
Series
Resistance
R
S (Ω)
Series
Resistance
I
F = 1mA,
R
M (Ω)
Typical
Total
Capacitance
C
T (pF)
Maximum
Total
Capacitance
C
T (pF)
Typical
Total
Inductance
L
T (nH)
4810
EB
B
Dual Cathode
100
3
48 - 70
0.35
0.4
1
481B
EB
B
Dual Cathode
Test Conditions
V
R
= V
BR
Measure
I
R
≤ 10μA
I
F
= 100mA
f =
100MHz
I
F
= 1mA
f = 100MHz
V
R
= 50V
f = 1MHz
V
R
= 50V
f = 1MHz
f =
500MHz
- 3GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com