Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB152S Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # DB152S
Description  SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

DB152S Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  DB152S Datasheet HTML 1Page - Yea Shin Technology Co., Ltd DB152S Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20130115
DB151S THRU DB157S
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000
Volts CURRENT 1.5 Ampere
FEATURES
•
Surge overload rating - 60 amperes peak
•
Ideal for printed circuit board
•
Reliable low cost construction utilizing molded
•
Glass passivated device
•
Polarity symbols molded on body
•
Mounting position: Any
•
Weight: 1.0 gram
•
High temperature soldering : 260OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MECHANICAL DATA
•
Epoxy : Device has UL flammability classification 94V-0
•
UL listed the recognized component directory, file #E94233
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
Ratings at 25 oC ambient temperature unless otherwise specified.
•
Single phase, half wave, 60 Hz, resistive or inductive load.
•
For capacitive load, derate current by 20%.
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
RATINGS
SYMBOL DB151S DB152S DB153S DB154S DB155S DB156S DB157S
UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Output Current at TA = 40
℃
IO
1.5
Amps
Peak Forward Surge Current 8.3 ms single half
sine-wave
superimposed on rated load (JEDEC method)
IFSM
60
Amps
Typical thermal resistance
R q J A
R q J L
40
15
℃
/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
℃
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
CHARACTERISTICS
SYMBOL DB151S DB152S DB153S DB154S DB155S DB156S DB157S
UNITS
Maximum Forward Voltage Drop per Bridge
Element at 1.0A DC
VF
1.1
Volts
@TA = 25℃
5.0
uAmps
Maximum Forward Voltage Drop per
Bridge
DC Blocking Voltage per element
@TA = 125℃
IR
0.5
uAmps
NOTE: Suffix “-s” Surface Mount for Dip Bridge.
Unit : inch (mm)
SDIP
.
255(6.5)
.
128(3.25)
.
410(10.4)
.0
11(.28)
.0
60(1.524)
.
205(5.2)
.
335(8.51)
.0
45(1.14)
.
245(6.2)
(
2.60)
MAX
.0
40(1.106)
.
195(5.0)
.
335(8.05)
.0
35(0.89)
+
~
~
.102


Similar Part No. - DB152S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB152S RECTRON-DB152S Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Dc Components
DB152S DCCOM-DB152S Datasheet
395Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB152S FORMOSA-DB152S Datasheet
64Kb / 2P
SINGLE PHASE 1.5 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
DB152S BILIN-DB152S Datasheet
74Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
DB152S YANGJIE-DB152S Datasheet
263Kb / 2P
SINGLE PHASE 1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DB152S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA100G RECTRON-MDA100G Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS101 RECTRON-RS101 Datasheet
21Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
logo
WILLAS ELECTRONIC CORP
DB151 WILLAS-DB151 Datasheet
565Kb / 2P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Rectron Semiconductor
RS101M RECTRON-RS101M_10 Datasheet
130Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS2501M RECTRON-RS2501M_12 Datasheet
334Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERV VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
SLDB101S RECTRON-SLDB101S_10 Datasheet
202Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Yea Shin Technology Co....
DB151 YEASHIN-DB151 Datasheet
407Kb / 2P
SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Kingtronics Internation...
W005-W10M KINGTRONICS-W005-W10M Datasheet
359Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere
logo
Rectron Semiconductor
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com