Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-381F Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-381F
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-381F Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-381F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-381F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Package Dimensions
Outline 23 (SOT-23)
Package Characteristics
Lead Material .................................................... Copper (SOT-323); Alloy 42 (SOT-23)
Lead Finish ......................................................................... Tin 100% (Lead-free option)
Maximum Soldering Temperature ............................................ 260°C for 5 seconds
Minimum Lead Strength........................................................................... 2 pounds pull
Typical Package Inductance ...................................................................................... 2 nH
Typical Package Capacitance .............................................. 0.08 pF (opposite leads)
Outline SOT-323 (SC-70)
Option Descriptions
-BLKG = Bulk, 100 pcs. per antistatic bag
-TR1G = Tape and Reel, 3000 devices per 7" reel
-TR2G = Tape and Reel, 10,000 devices per 13" reel
Tape and Reeling conforms to Electronic Industries RS-481, “Taping of Surface
Mounted Components for Automated Placement.”
Ordering Information
Specify part number followed by option. For example:
HSMP
-
381x -
XXX
Bulk or Tape and Reel Option
Part Number; x = Lead Code
Surface Mount PIN
e
B
e2
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.79
0.000
0.30
0.08
2.73
1.15
0.89
1.78
0.45
2.10
0.45
MAX.
1.20
0.100
0.54
0.20
3.13
1.50
1.02
2.04
0.60
2.70
0.69
SYMBOL
A
A1
B
C
D
E1
e
e1
e2
E
L
e
B
e1
E1
C
E
XXX
L
D
A
A1
Notes:
XXX-package marking
Drawings are not to scale
DIMENSIONS (mm)
MIN.
0.80
0.00
0.15
0.08
1.80
1.10
1.80
0.26
MAX.
1.00
0.10
0.40
0.25
2.25
1.40
2.40
0.46
SYMBOL
A
A1
B
C
D
E1
e
e1
E
L
1.30 typical
0.65 typical



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com