Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVQPLHA15 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQPLHA15
Description  Light Touch Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPLHA15 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQPLHA15 Datasheet HTML 1Page - Panasonic Semiconductor EVQPLHA15 Datasheet HTML 2Page - Panasonic Semiconductor EVQPLHA15 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQPL
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES80 –
E
V
Q
P
L
Product Code
Type
Height
123456
89
A
7
Note: Non washable
■ Specifications
4.9 mm Square SMD Light Touch Switches
Type:
EVQPL
■ Features
● External dimensions : 4.9 mm 4.9 mm,
Height: 0.8 mm(Without push plate), 1.5 mm(With push plate)
■ Explanation of Part Numbers
■ Product Chart
Height
H=0.8 mm
H=1.5 mm
(With Push Plate)
Packaging
Operating Force
Embossed
Embossed
1.0 N
EVQPLBEVQPLD
1.6 N
EVQPLFEVQPLH
2.6 N
EVQPLK
EVQPLM
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
50 m
max.
Insulation Resistance
50 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.0 N±0.5 N
1.6 N±0.5 N
2.6 N±0.6 N
Travel
0.25 mm
+0.10 mm
EnduranceOperating Life
500000 cycles min.
200000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25000 pcs.
–0.20
■ Recommended Applications
● Operation switches for portable electronic equipment
(Notebook PC, Camcorders, Portable audio players, etc.)
● Operation switches for car audio systems
Sep. 2010
00


Similar Part No. - EVQPLHA15

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLBA08 PANASONIC-EVQPLBA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLBA08 PANASONIC-EVQPLBA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLFA08 PANASONIC-EVQPLFA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
EVQPLFA08 PANASONIC-EVQPLFA08 Datasheet
90Kb / 3P
4.9 mm Square SMD Light Touch Switch es
More results

Similar Description - EVQPLHA15

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
Light Touch Switches
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
Light Touch Switches
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
Light Touch Switches/EVQP4
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
Light Touch Switches/EVQPP
EVQ-QXT03W PANASONIC-EVQ-QXT03W Datasheet
145Kb / 3P
Light Touch Switches/EVQQX
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
Light Touch Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com