Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSH1VC225R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECSH1VC225R
Description  Tantalum Solid Electrolytic Capacitors/TEH Surface Mount Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECSH1VC225R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECSH1VC225R Datasheet HTML 1Page - Panasonic Semiconductor ECSH1VC225R Datasheet HTML 2Page - Panasonic Semiconductor ECSH1VC225R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tantalum Solid Electrolytic Capacitors/TEH
4.7
3.2x1.6x1.6
Y
0.06
0.5
ECSH0GY475R
2000
6.8
3.2x1.6x1.6
Y
0.06
0.5
ECSH0GY685R
2000
10
3.2x1.6x1.6
Y
0.06
0.5
ECSH0GY106R
2000
3.5x2.8x1.9
X
0.06
0.5
ECSH0GX106R
2000
15
3.5x2.8x1.9
X
0.06
0.6
ECSH0GX156R
2000
22
3.5x2.8x1.9
X
0.06
0.9
ECSH0GX226R
2000
33
6.0x3.2x2.5
C
0.06
1.4
ECSH0GC336R
750
47
6.0x3.2x2.5
C
0.06
1.9
ECSH0GC476R
750
68
7.3x4.3x2.8
D
0.06
2.8
ECSH0GD686R
750
100
7.3x4.3x2.8
D
0.08
4.0
ECSH0GD107R
750
3.3
3.2x1.6x1.6
Y
0.04
0.5
ECSH0 JY335R
2000
4.7
3.2x1.6x1.6
Y
0.06
0.5
ECSH0JY475R
2000
6.8
3.2x1.6x1.6
Y
0.06
0.5
ECSH0JY685R
2000
3.5x2.8x1.9
X
0.06
0.5
ECSH0JX685R
2000
10
3.5x2.8x1.9
X
0.06
0.7
ECSH0JX106R
2000
6.3
15
3.5x2.8x1.9
X
0.06
1.0
ECSH0JX156R
2000
6.0x3.2x2.5
C
0.06
1.0
ECSH0JC156R
750
22
6.0x3.2x2.5
C
0.06
1.4
ECSH 0 JC226R
750
33
6.0x3.2x2.5
C
0.06
2.1
ECSH0JC336R
750
47
7.3x4.3x2.8
D
0.06
3.0
ECSH0JD476R
750
68
7.3x4.3x2.8
D
0.06
4.3
ECSH0JD686R
750
2.2
3.2x1.6x1.6
Y
0.04
0.5
ECSH1AY225R
2000
3.3
3.2x1.6x1.6
Y
0.04
0.5
ECSH1AY335R
2000
4.7
3.2x1.6x1.6
Y
0.06
0.5
ECSH1AY475R
2000
3.5x2.8x1.9
X
0.06
0.5
ECSH1AX475R
2000
6.8
3.5x2.8x1.9
X
0.06
0.7
ECSH1AX685R
2000
10
10
3.5x2.8x1.9
X
0.06
1.0
ECSH1AX106R
2000
6.0x3.2x2.5
C
0.06
1.0
ECSH1AC106R
750
15
6.0x3.2x2.5
C
0.06
1.5
ECSH1AC156R
750
22
6.0x3.2x2.5
C
0.06
2.2
ECSH1AC226R
750
33
7.3x4.3x2.8
D
0.06
3.3
ECSH1AD336R
750
47
7.3x4.3x2.8
D
0.06
4.7
ECSH1AD476R
750
0.68 3.2x1.6x1.6
Y
0.04
0.5
ECSH1CY684R
2000
1
3.2x1.6x1.6
Y
0.04
0.5
ECSH1CY105R
2000
1.5
3.2x1.6x1.6
Y
0.04
0.5
ECSH1CY155R
2000
2.2
3.2x1.6x1.6
Y
0.04
0.5
ECSH1CY225R
2000
3.5x2.8x1.9
X
0.04
0.5
ECSH1CX225R
2000
3.3
3.2x1.6x1.6
Y
0.04
0.6
ECSH1CY335R
2000
3.5x2.8x1.9
X
0.04
0.6
ECSH1CX335R
2000
4.7
3.5x2.8x1.9
X
0.06
0.8
ECSH1CX475R
2000
6.8
3.5x2.8x1.9
X
0.06
1.1
ECSH1CX685R
2000
6.0x3.2x2.5
C
0.06
1.1
ECSH1CC685R
750
4
16
LxWxH
(mm)
(pcs)
(V)
(µF)
(µA)
I
L.C
Case Size
Specification
Cap.
(±20%)
Standard Products
Part No.
Min.PackagingQ'ty
Taping
Size
Code
W.V.
D.F.
(120Hz)
(+20
°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com