Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1502 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # KBPC1502
Description  VOLTAGE RANGE 50 TO 1000V CURRENT 15 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBPC1502 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  KBPC1502 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBPC1502 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
KBPC15005 THRU KBPC1510
DEVICE CHARACTERISTICS
=50mV
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVRESE VOLTAGE,(V)
10
0.1
j
sig
V
T =25 ° C
f=1MHz
100
1000
1.0
10
p-p
100
AVERAGE OUTPUT CURRENT,
FIG.6-MAXIMUM POWER DISSIPATION
0
0
40
20
80
60
100
25
Load
Inductive
Resistive
10
5
20
15
or
35
30
j j max
Capacitive
T =T
Load
300
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01
0.1
1.0
10
Pulse Width=300uS
1%Duty Cycle
T =25 ° C
j
Inductive or Resistive
Half Wave 60Hz
CASE TEMPERATURE, ( ° C)
FIG.3-TYPICAL FORWARD CHARACTERICTICS
PER BRIDGE ELEMENT
100
Load
5.0
0
0
50
25
Single Phase
10
AL.Finned Plate
125
55
75
100
150
175
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0
0.01
20
0.1
1.0
10
60
40
80
120
100
140
T =25 ° C
j
CHARACTERISTICS
FIG.4-TYPICAL REVERSE
NUMBER OF CYCLES AT 60 Hz
100
1
100
0
1 Cycle
200
T =100 ° C
j
10
100
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
j max
j
T
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
15
Heat Sink Mounting
FORWARD SURGE CURRENT PER ELEMENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
5" X 4" X 3" Thick
(12.8 X 10.2 X 7.3cm)
PER BRIDGE ELEMENT
PER BRIDGE ELEMENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com