Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC2504 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # KBPC2504
Description  VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Ampere
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

KBPC2504 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  KBPC2504 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd KBPC2504 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20120305
KBPC25005 THRU KBPC2510
DEVICE CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Single Phase
Half Wave 60Hz
Inductive or Resistive
FIG.1-DERATING CURVE FOR
FIG.3-TYPICAL FORWARD CHARACTERISTICS
OUTPUT RECTIFIED CURRENT
PER BRIDGE ELEMENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
=50mV
f=1MHz
REVRESE VOLTAGE,(V)
T =25 ° C
0.1
10
sig
V
100
1000
0.01
0.1
1.0
10
100
0
0
25
10
Load
20
30
0
100
1.0
10
20
AVERAGE OUTPUT CURRENT,
0
5
10
15
Load
25
30
35
60
40
100
80
FIG.6-MAXIMUM POWER DISSIPATION
20
1%Duty Cycle
Pulse Width=300uS
j
T =25 ° C
0
0.01
0.1
1.0
T =T
Capacitive
Load
j j max
Inductive
Resistive
or
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
40
60
20
120
80
100
T =25 ° C
j
140
FORWARD SURGE CURRENT PER ELEMENT
1 Cycle
FIG.4-TYPICAL REVERSE
NUMBER OF CYCLES AT 60 Hz
CASE TEMPERATURE, ( ° C)
10
100
75
50
100
150
125
175
AL.Finned Plate
Heat Sink Mounting
0
1
100
200
300
T =100 ° C
j
CHARACTERISTICS
10
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
T
j max
j
100
FIG.2-MAXIMUM NON-REPETITIVE PEAK
5"x 6"x 4.9" Thick
(12.8 x 15.2 x 12.4cm)
PER BRIDGE ELEMENT
PER BRIDGE ELEMENT
(A)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com